Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1685 Datasheet (PDF) - Maxim Integrated Products

DS1685 Datasheet PDF - Maxim Integrated Products
Part # DS1685
Download  DS1685 Download
File Size   420.24 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V/5V Real-Time Clocks

DS1685 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1685 Datasheet PDF - Maxim Integrated Products

Part # DS1685
Download  DS1685 Click to download

File Size   420.24 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3V/5V Real-Time Clocks

DS1685 Datasheet (HTML) - Maxim Integrated Products


DS1685 Product details

DETAILED DESCRIPTION

The DS1685/DS1687 are real-time clocks (RTC) designed as successors to the industry-standard DS1285, DS1385, DS1485, and DS1585 PC RTCs. These devices provide the industry-standard DS1285 clock function with either +3.0V or +5.0V operation. The DS1685 also incorporates a number of enhanced features including a silicon serial number, power-on/off control circuitry, 242 bytes of user NV SRAM, and 32.768kHz output for sustaining power management activities.



FEATURES

■ Incorporates Industry-Standard DS1287 PC Clock plus Enhanced Features Such as Y2K Compliant

■ +3V or +5V Operation

■ 64-Bit Silicon Serial Number

■ Power-Control Circuitry Supports System Power-On from Date/Time Alarm or Key Closure

■ 32kHz Output for Power Management

■ Crystal-Select Bit Allows RTC to Operate with 6pF or 12.5pF Crystal

■ SMI Recovery Stack

■ 242 Bytes Battery-Backed NV RAM

■ Auxiliary Battery Input

■ RAM Clear Input

■ Century Register

■ Date Alarm Register

■ Compatible with Existing BIOS for Original DS1287 Functions

■ Available as Chip (DS1685) or Stand-Alone Encapsulated DIP (EDIP) with Embedded Battery and Crystal (DS1687)

■ Timekeeping Algorithm Includes Leap-Year Compensation Valid Through 2099

■ Underwriters Laboratory (UL) Recognized



APPLICATIONS

  Embedded Systems

  Utility Meters

  Security Systems

  Network Hubs, Bridges, and Routers



 




Similar Part No. - DS1685

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685 Datasheet
766Kb / 39P
3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
logo
Dallas Semiconductor
DS1685-3 DALLAS-DS1685-3 Datasheet
766Kb / 39P
3V/5V Real-Time Clocks
DS1685-3+ DALLAS-DS1685-3+ Datasheet
766Kb / 39P
3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685-3+ MAXIM-DS1685-3+ Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
More results


Similar Description - DS1685

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
3V/5V Real-Time Clock
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
3V/5V Real-Time Clocks
DS1688 DALLAS-DS1688_05 Datasheet
395Kb / 6P
3V/5V Serialized Real-Time Clocks with NV RAM Control
DS1689 DALLAS-DS1689_05 Datasheet
593Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
3V/5V Real-Time Clocks
Rev 10/12
DS1688 MAXIM-DS1688 Datasheet
99Kb / 3P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112205
DS1689 MAXIM-DS1689 Datasheet
599Kb / 36P
3V/5V Serialized Real-Time Clocks with NV RAM Control
REV: 112105
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com