Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17485 Datasheet (PDF) - Dallas Semiconductor

DS17485 Datasheet PDF - Dallas Semiconductor
Part # DS17485
Download  DS17485 Download
File Size   427.6 Kbytes
Page   38 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3V/5V Real-Time Clock

DS17485 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS17485 Datasheet PDF - Dallas Semiconductor

Part # DS17485
Download  DS17485 Click to download

File Size   427.6 Kbytes
Page   38 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3V/5V Real-Time Clock

DS17485 Datasheet (HTML) - Dallas Semiconductor


DS17485 Product details

DESCRIPTION
The DS17485/DS17487 are real-time clocks (RTC) designed as successors to the industry standard DS1285, DS1385, DS1485, DS1585, and DS1685 PC real-time clocks. These devices provide the industry standard DS1285 clock function with either +3V or +5V operation. The DS17485 also incorporates a number of enhanced features including a silicon serial number, power-on/off control circuitry, 114 bytes of user NV SRAM plus 4kB of additional NV RAM, and 32.768kHz output for sustaining power management activities.

FEATURES
Incorporates industry standard DS1287 PC clock plus enhanced features:
Y2K compliant
■ +3V or +5V operation
■ SMI recovery stack
■ 64-bit silicon serial number
■ Power-control circuitry supports system power-on from date/time alarm or key closure
■ 32kHz output on power-up
■ Crystal select bit allows RTC to operate with 6pF or 12.5pF crystal
■ 114 bytes user NV RAM
■ Auxiliary battery input
■ 4kB additional NV RAM
■ RAM clear input
■ Century register
■ Date alarm register
■ Compatible with existing BIOS for original DS1287 functions
■ Available as chip (DS17485) or standalone module with embedded battery and crystal (DS17487)
■ Timekeeping algorithm includes leap-year compensation valid up to 2100
■ Underwriters Laboratory (UL) recognized




Similar Part No. - DS17485

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17485 MAXIM-DS17485 Datasheet
319Kb / 30P
Real-Time Clocks
Rev 0; 4/06
DS17485 MAXIM-DS17485 Datasheet
333Kb / 31P
Real-Time Clocks
Rev 1; 4/10
DS17485-3 MAXIM-DS17485-3 Datasheet
319Kb / 30P
Real-Time Clocks
Rev 0; 4/06
DS17485-3+ MAXIM-DS17485-3+ Datasheet
333Kb / 31P
Real-Time Clocks
Rev 1; 4/10
DS17485-5 MAXIM-DS17485-5 Datasheet
319Kb / 30P
Real-Time Clocks
Rev 0; 4/06
More results


Similar Description - DS17485

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
163Kb / 23P
5V PC REAL TIME CLOCK
04-May-2000
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
3V/5V Real-Time Clocks
REV: 032604
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
3V/5V Real-Time Clocks
Rev 10/12
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com