Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17485-3 Datasheet (PDF) - Maxim Integrated Products

DS17485-3 Datasheet PDF - Maxim Integrated Products
Part # DS17485-3
Download  DS17485-3 Download
File Size   319.69 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Real-Time Clocks

DS17485-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS17485-3 Datasheet PDF - Maxim Integrated Products

Part # DS17485-3
Download  DS17485-3 Click to download

File Size   319.69 Kbytes
Page   30 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Real-Time Clocks

DS17485-3 Datasheet (HTML) - Maxim Integrated Products


DS17485-3 Product details

General Description
The DS17285, DS17485, DS17885, DS17287, DS17487, and DS17887 real-time clocks (RTCs) are designed to be successors to the industry-standard DS12885 and DS12887. The DS17285, DS17485, and DS17885 (hereafter referred to as the DS17x85) provide a real-time clock/calendar, one time-of-day alarm, three maskable interrupts with a common interrupt output, a programmable square wave, and 114 bytes of battery-backed NV SRAM.

Features
♦ Incorporates Industry-Standard DS12887 PC Clock Plus Enhanced Functions
♦ RTC Counts Seconds, Minutes, Hours, Day, Date, Month, and Year with Leap Year Compensation Through 2099
♦ Optional +3.0V or +5.0V Operation
♦ SMI Recovery Stack
♦ 64-Bit Silicon Serial Number
♦ Power-Control Circuitry Supports System PowerOn from Date/Time Alarm or Key Closure
♦ Crystal Select Bit Allows Operation with 6pF or 12.5pF Crystal
♦ 12-Hour or 24-Hour Clock with AM and PM in 12-Hour Mode
♦ 114 Bytes of General-Purpose, Battery-Backed NV SRAM
♦ Extended Battery-Backed NV SRAM
    2048 Bytes (DS17285/DS17287)
    4096 Bytes (DS17485/DS17487)
    8192 Bytes (DS17885/DS17887)
♦ RAM Clear Function
♦ Interrupt Output with Six Independently Maskable Interrupt Flags
♦ Time-of-Day Alarm Once per Second to Once per Day
♦ End of Clock Update Cycle Flag
♦ Programmable Square-Wave Output
♦ Automatic Power-Fail Detect and Switch Circuitry
♦ Available in PDIP, SO, or TSOP Package (DS17285, DS17485, DS17885)
♦ Optional Encapsulated DIP (EDIP) Package with Integrated Crystal and Battery (DS17287, DS17487, DS17887)
♦ Optional Industrial Temperature Range Available
♦ Underwriters Laboratory (UL) Recognized

Applications
    Embedded Systems
    Utility Meters
    Security Systems
    Network Hubs, Bridges, and Routers




Similar Part No. - DS17485-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS17485-3+ MAXIM-DS17485-3+ Datasheet
333Kb / 31P
Real-Time Clocks
Rev 1; 4/10
More results


Similar Description - DS17485-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
3V/5V Real-Time Clocks
REV: 032604
DS1501 MAXIM-DS1501 Datasheet
277Kb / 21P
Y2K-Compliant Watchdog Real-Time Clocks
REV: 011607
logo
Dallas Semiconductor
DS1685 DALLAS-DS1685_05 Datasheet
766Kb / 39P
3V/5V Real-Time Clocks
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_10 Datasheet
350Kb / 34P
3V/5V Real-Time Clocks
Rev 4/10
DS12885 MAXIM-DS12885_10 Datasheet
268Kb / 22P
Real-Time Clocks
19-5213; Rev 4; 4/10
DS17285 MAXIM-DS17285_1 Datasheet
333Kb / 31P
Real-Time Clocks
Rev 1; 4/10
logo
STMicroelectronics
M41T62 STMICROELECTRONICS-M41T62_10 Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685_12 Datasheet
654Kb / 34P
3V/5V Real-Time Clocks
Rev 10/12
logo
Mercury United Electron...
ME83 MERCURY-ME83 Datasheet
399Kb / 5P
Frequency reference for real time clocks
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
Clock drivers for Real Time Clocks
12.27.11
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com