Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS17485-3 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS17485-3
Description  Real-Time Clocks
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS17485-3 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS17485-3 Datasheet HTML 1Page - Maxim Integrated Products DS17485-3 Datasheet HTML 2Page - Maxim Integrated Products DS17485-3 Datasheet HTML 3Page - Maxim Integrated Products DS17485-3 Datasheet HTML 4Page - Maxim Integrated Products DS17485-3 Datasheet HTML 5Page - Maxim Integrated Products DS17485-3 Datasheet HTML 6Page - Maxim Integrated Products DS17485-3 Datasheet HTML 7Page - Maxim Integrated Products DS17485-3 Datasheet HTML 8Page - Maxim Integrated Products DS17485-3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Real-Time Clocks
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V, or VCC = +2.7V to +3.7V, TA = Over the operating temperature range, unless otherwise noted. Typical
values are with TA = +25°C, VCC = 5.0V or 3.0V and VBAT = 3.0V, unless otherwise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Pin Relative to Ground ....-0.3V to +6.0V
Operating Temperature Range (Noncondensing)
Commercial.........................................................0°C to +70°C
Industrial ..........................................................-40°C to +85°C
Storage Temperature.........................................-55°C to +125°C
Soldering Temperature .....................See IPC/JEDEC J-STD-020
Specification (Note 1)
Soldering Temperature (leads, 10 seconds) ...................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
(-5)
4.5
5.0
5.5
Supply Voltage (Note 3)
VCC
(-3)
2.7
3.0
3.7
V
VBAT Input Voltage
VBAT
(Note 3)
2.5
3.0
3.7
V
(-5)
2.5
3.0
5.2
VBAUX Input Voltage (Note 3)
VBAUX
(-3)
3.7
V
(-5)
2.2
VCC +
0.3
Input Logic 1 (Note 3)
VIH
(-3)
2.0
VCC +
0.3
V
(-5)
-0.3
+0.8
Input Logic 0 (Note 3)
VIL
(-3)
-0.3
+0.6
V
(-5)
25
50
VCC Power-Supply Current
(Note 4)
ICC1
(-3)
15
30
mA
(-5)
1.0
3.0
VCC Standby Current (Notes 4, 5)
ICCS
(-3)
0.5
2.0
mA
Input Leakage
IIL
-1.0
+1.0
µA
I/O Leakage
IOL
(Note 6)
-1.0
+1.0
µA
(-5), -1.0mA
2.4
Output Logic 1 Voltage (Note 3)
VOH
(-3), -0.4mA
2.4
V
(-5), +2.1mA
0.4
Output Logic 0 Voltage
AD0–AD7, IRQ, SQW (Note 3)
VOL
(-3), +0.8mA
0.4
V
(-5), +10mA
0.4
Output Logic 0 Voltage
PWR (Note 3)
VOL
(-3), +4mA
0.4
V
(-5)
4.25
4.37
4.5
Power-Fail Voltage (Note 3)
VPF
(-3)
2.5
2.6
2.7
V
VRT Trip Point
VRTTRIP
(Note 3)
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com