Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86 Datasheet (PDF) - STMicroelectronics

M48T86 Datasheet PDF - STMicroelectronics
Part # M48T86
Download  M48T86 Download
File Size   163.39 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V PC REAL TIME CLOCK

M48T86 Datasheet (PDF)

Go To PDF Page Download Datasheet
M48T86 Datasheet PDF - STMicroelectronics

Part # M48T86
Download  M48T86 Click to download

File Size   163.39 Kbytes
Page   23 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V PC REAL TIME CLOCK

M48T86 Datasheet (HTML) - STMicroelectronics


M48T86 Product details

Features
■ DROP-IN REPLACEMENT for PC COMPUTER CLOCK/CALENDAR
■ COUNTS SECONDS, MINUTES, HOURS, DAYS, DAY of the WEEK, DATE, MONTH and YEAR with LEAP YEAR COMPENSATION
■ INTERFACED WITH SOFTWARE AS 128 RAM LOCATIONS:
■ 14 Bytes of Clock and Control Registers
■ 114 Bytes of General Purpose RAM
■ SELECTABLE BUS TIMING (Intel/Motorola)
■ THREE INTERRUPTS are SEPARATELY
■ SOFTWARE-MASKABLE and TESTABLE
■ Time-of-Day Alarm (Once/Second to
■ Once/Day)
■ Periodic Rates from 122µs to 500ms
■ End-of-Clock Update Cycle
■ PROGRAMMABLE SQUARE WAVE OUTPUT
■ SELF-CONTAINED BATTERY and CRYSTAL in the CAPHAT DIP PACKAGE
■ PACKAGING INCLUDES a 28-LEAD SOIC and SNAPHAT® TOP (to be Ordered Separately)
■ SOIC PACKAGE PROVIDES DIRECT CONNECTION for a SNAPHAT TOP CONTAINS the BATTERY and CRYSTAL
■ PIN and FUNCTION COMPATIBLE with bq3285/7A and DS128887




Similar Part No. - M48T86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
317Kb / 36P
5.0 V PC real-time clock
20-Feb-2007
M48T86 STMICROELECTRONICS-M48T86 Datasheet
320Kb / 36P
5.0 V PC real-time clock
05-Jul-2007
logo
ARTSCHIP ELECTRONICS CO...
M48T86 ARTSCHIP-M48T86 Datasheet
9Mb / 29P
5.0V PC Real-Time Clock
logo
STMicroelectronics
M48T86MH1 STMICROELECTRONICS-M48T86MH1 Datasheet
317Kb / 36P
5.0 V PC real-time clock
20-Feb-2007
M48T86MH1E STMICROELECTRONICS-M48T86MH1E Datasheet
317Kb / 36P
5.0 V PC real-time clock
20-Feb-2007
More results


Similar Description - M48T86

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
3V/5V Real-Time Clock
logo
Epson Company
RTC-6593 EPSON-RTC-6593 Datasheet
40Kb / 1P
REAL TIME CLOCK MODULE FOR PC/AT
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86_07 Datasheet
317Kb / 36P
5.0 V PC real-time clock
20-Feb-2007
M48T86_0707 STMICROELECTRONICS-M48T86_0707 Datasheet
320Kb / 36P
5.0 V PC real-time clock
05-Jul-2007
logo
ARTSCHIP ELECTRONICS CO...
M48T86 ARTSCHIP-M48T86 Datasheet
9Mb / 29P
5.0V PC Real-Time Clock
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com