Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M48T86
Description  5V PC REAL TIME CLOCK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 2 Page - STMicroelectronics

  M48T86 Datasheet HTML 1Page - STMicroelectronics M48T86 Datasheet HTML 2Page - STMicroelectronics M48T86 Datasheet HTML 3Page - STMicroelectronics M48T86 Datasheet HTML 4Page - STMicroelectronics M48T86 Datasheet HTML 5Page - STMicroelectronics M48T86 Datasheet HTML 6Page - STMicroelectronics M48T86 Datasheet HTML 7Page - STMicroelectronics M48T86 Datasheet HTML 8Page - STMicroelectronics M48T86 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
M48T86
2/23
Figure 2. DIP Connections
AD4
AD5
AD6
NC
AD1
AD2
AD3
NC
AD0
SQW
RST
NC
RCL
NC
NC
IRQ
DS
AS
AD7
VSS
E
R/W
MOT
VCC
AI01641
M48T86
8
1
2
3
4
5
6
7
9
10
11
12
13
14
16
15
24
23
22
21
20
19
18
17
Figure 3. SOIC Connections
AI01642
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
24
23
1
AD4
AD5
AD6
NC
AD1
AD2
AD3
AD0
SQW
RST
NC
RCL
NC
NC
IRQ
DS
AS
AD7
VSS
E
R/W
MOT
VCC
M48T86
NC
NC
NC
NC
26
25
28
27
VSS
Table 1. Signal Names
AD0-AD7
Multiplexed Address/Data Bus
E
Chip Enable Input
R/W
Write Enable Input
DS
Data Strobe Input
AS
Address Strobe Input
RST
Reset Input
RCL
RAM Clear Input
MOT
Bus Type Select Input
SQW
Square Wave Output
IRQ
Interrupt Request Output
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally
DESCRIPTION
The M48T86 is an industry standard real time
clock (RTC).The M48T86 is composed of a lithium
energy source, quartz crystal, write-protection cir-
cuitry, and a 128 byte RAM array. This provides
the user with a complete subsystem packaged in
either a 24-pin DIP CAPHAT or 28-pin SNAPHAT
SOIC. Functions available to the user include a
non-volatile time-of-day clock, alarm interrupts, a
one-hundred-year clock with programmable inter-
rupts, square wave output, and 128 bytes of non-
volatile static RAM.
The 24 pin 600mil DIP CAPHAT™ houses the
M48T86 silicon with a quartz crystal and a long life
lithium button cell in a single package.
The 28 pin 330mil SOIC provides sockets with
gold plated contacts at both ends for direct con-
nection to a separate SNAPHAT housing contain-
ing the battery and crystal. The unique design
allows the SNAPHAT battery package to be
mounted on top of the SOIC package after the
completion of the surface mount process.
Insertion of the SNAPHAT housing after reflow
prevents potential battery and crystal damage due
to the high temperatures required for device sur-
face-mounting. The SNAPHAT housing is keyed
to prevent reverse insertion.
The SOIC and battery packages are shipped sep-
arately in plastic anti-static tubes or in Tape & Reel
form.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com