Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86 Datasheet(PDF) 15 Page - STMicroelectronics

Part # M48T86
Description  5V PC REAL TIME CLOCK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M48T86 Datasheet HTML 11Page - STMicroelectronics M48T86 Datasheet HTML 12Page - STMicroelectronics M48T86 Datasheet HTML 13Page - STMicroelectronics M48T86 Datasheet HTML 14Page - STMicroelectronics M48T86 Datasheet HTML 15Page - STMicroelectronics M48T86 Datasheet HTML 16Page - STMicroelectronics M48T86 Datasheet HTML 17Page - STMicroelectronics M48T86 Datasheet HTML 18Page - STMicroelectronics M48T86 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
15/23
M48T86
UIP. Update in Progress
The Update in Progress (UIP) bit is a status flag
that can be monitored. When the UIP bit is one,
the update transfer will soon occur. When UIP isa
zero, the update transfer will not occur for at least
244µs. The time, calendar, and alarm information
in RAM is fully available for access when the UIP
bit is zero. The UIP bit is read only and is not af-
fected by RST. Writing the SET bit in Register B to
a "1" inhibits any update transfer and clears the
UIP status bit.
OSC0, OSC1, OSC2. Oscillator Control
These three bits are used to control the oscillator
and reset the countdown chain. A pattern of "010"
enables operation by turning on the oscillator and
enabling the divider chain. A pattern of 11X turns
the oscillator on, but keeps the frequency divider
disabled. When "010" is written, the first update
begins after 500ms.
RS3, RS2, RS1, RS0
These four rate-selection bits select one of the 13
taps on the 15-stage divider or disable the divider
output. The tap selected may be used to generate
an output square wave (SQW pin) and/or a period-
ic interrupt. The user may do one of the following:
1. Enable the interrupt with the PIE bit;
or
2. Enable the SQW output with the SQWE bit;
or
3. Enable both at the same time and same rate;
or
4. Enable neither.
Table 10 lists the periodic interrupt rates and the
square wave frequencies that may be chosen with
the RS bits. These four read/write bits are not af-
fected by RST.
REGISTER A
MSB
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
UIP
OSC2
OSC1
OSC0
RS3
RS2
RS1
RS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com