Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M48T86
Description  5V PC REAL TIME CLOCK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 5 Page - STMicroelectronics

  M48T86 Datasheet HTML 1Page - STMicroelectronics M48T86 Datasheet HTML 2Page - STMicroelectronics M48T86 Datasheet HTML 3Page - STMicroelectronics M48T86 Datasheet HTML 4Page - STMicroelectronics M48T86 Datasheet HTML 5Page - STMicroelectronics M48T86 Datasheet HTML 6Page - STMicroelectronics M48T86 Datasheet HTML 7Page - STMicroelectronics M48T86 Datasheet HTML 8Page - STMicroelectronics M48T86 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
M48T86
RST (Reset Input). The M48T86 is reset when
the RST input is pulled low. With a valid VCC ap-
plied and a low on RST, the following events oc-
cur:
1. Periodic Interrupt Enable (PIE) bit is cleared to
a zero. (Register B; Bit 6)
2. Alarm Interrupt Enable (AIE) bit is cleared to a
zero.(Register B; bit 5)
3. Update Ended Interrupt Request (UF) bit is
cleared to a zero. (Register C; Bit 4)
4. Interrupt Request (IRQF) bit is cleared to a zero.
(Register C Bit 7)
5. Periodic Interrupt Flag (PF) bit is cleared to a
zero. (Register C; Bit 6)
6. The device is not accessible until RST is re-
turned high.
7. Alarm Interrupt Flag (AF) bit is cleared to a zero.
(Register C; Bit 5)
8. The IRQ pin is in the high impedance state.
9. Square Wave Output Enable (SQWE) bit is
cleared to zero. (Register B; Bit 3).
10.Update Ended Interrupt Enable (UIE) is cleared
to a zero. (Register B; Bit 4)
RCL (RAM Clear). The RCL pin is used to clear
all 114 storage bytes, excluding clock and control
registers, of the array to FF(hex) value. The array
will be cleared when the RCL pin is held low for at
least 100ms with the oscillator running. Usage of
this pin does not affect battery load. This function
is applicable only when VCC is applied.
R/W (Read/Write Input). The R/W pin is utilized
to latch data into the M48T86 and provides func-
tionality similar to W in other memory systems.
ADDRESS MAP
The address map of the M48T86 is shown in Fig-
ure 9. It consists of 114 bytes of user RAM, 10
bytes of RAM that contain the RTC time, calendar
and alarm data, and 4 bytes which are used for
control and status. All bytes can be read or written
to except for the following:
1. Registers C & D are read-only.
2. Bit 7 of Register A is read-only.
The contents of the four Registers A, B, C, and D
are described in the "Registers" section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com