Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48T86
Description  5V PC REAL TIME CLOCK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 1 Page - STMicroelectronics

  M48T86 Datasheet HTML 1Page - STMicroelectronics M48T86 Datasheet HTML 2Page - STMicroelectronics M48T86 Datasheet HTML 3Page - STMicroelectronics M48T86 Datasheet HTML 4Page - STMicroelectronics M48T86 Datasheet HTML 5Page - STMicroelectronics M48T86 Datasheet HTML 6Page - STMicroelectronics M48T86 Datasheet HTML 7Page - STMicroelectronics M48T86 Datasheet HTML 8Page - STMicroelectronics M48T86 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
May 2000
M48T86
5V PC REAL TIME CLOCK
s
DROP-IN REPLACEMENT for PC
COMPUTER CLOCK/CALENDAR
s
COUNTS SECONDS, MINUTES, HOURS,
DAYS, DAY of the WEEK, DATE, MONTH and
YEAR with LEAP YEAR COMPENSATION
s
INTERFACED WITH SOFTWARE AS 128
RAM LOCATIONS:
– 14 Bytes of Clock and Control Registers
– 114 Bytes of General Purpose RAM
s
SELECTABLE BUS TIMING (Intel/Motorola)
s
THREE INTERRUPTS are SEPARATELY
SOFTWARE-MASKABLE and TESTABLE
– Time-of-Day Alarm (Once/Second to
Once/Day)
– Periodic Rates from 122µs to 500ms
– End-of-Clock Update Cycle
s
PROGRAMMABLE SQUARE WAVE OUTPUT
s
SELF-CONTAINED BATTERY and CRYSTAL
in the CAPHAT DIP PACKAGE
s
PACKAGING INCLUDES a 28-LEAD SOIC
and SNAPHAT® TOP
(to be Ordered Separately)
s
SOIC PACKAGE PROVIDES DIRECT
CONNECTION for a SNAPHAT TOP
CONTAINS the BATTERY and CRYSTAL
s
PIN and FUNCTION COMPATIBLE with
bq3285/7A and DS128887
Figure 1. Logic Diagram
AI01640
E
VCC
M48T86
RCL
RST
VSS
8
AD0-AD7
MOT
R/W
DS
AS
IRQ
SQW
28
1
24
1
SOH28 (MH)
SNAPHAT (SH)
Battery/Crystal
PCDIP24 (PC)
Battery/Crystal
CAPHAT


Similar Part No. - M48T86

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86 Datasheet
317Kb / 36P
5.0 V PC real-time clock
20-Feb-2007
M48T86 STMICROELECTRONICS-M48T86 Datasheet
320Kb / 36P
5.0 V PC real-time clock
05-Jul-2007
logo
ARTSCHIP ELECTRONICS CO...
M48T86 ARTSCHIP-M48T86 Datasheet
9Mb / 29P
5.0V PC Real-Time Clock
logo
STMicroelectronics
M48T86MH1 STMICROELECTRONICS-M48T86MH1 Datasheet
317Kb / 36P
5.0 V PC real-time clock
20-Feb-2007
M48T86MH1E STMICROELECTRONICS-M48T86MH1E Datasheet
317Kb / 36P
5.0 V PC real-time clock
20-Feb-2007
More results

Similar Description - M48T86

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
REAL TIME CLOCK ?
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
3V/5V Real-Time Clock
DS17885-DS17887 DALLAS-DS17885-DS17887 Datasheet
410Kb / 38P
3V/5V Real-Time Clock
logo
Epson Company
RTC-6593 EPSON-RTC-6593 Datasheet
40Kb / 1P
REAL TIME CLOCK MODULE FOR PC/AT
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
Real time clock
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
Real time clock
logo
STMicroelectronics
M48T86 STMICROELECTRONICS-M48T86_07 Datasheet
317Kb / 36P
5.0 V PC real-time clock
20-Feb-2007
M48T86_0707 STMICROELECTRONICS-M48T86_0707 Datasheet
320Kb / 36P
5.0 V PC real-time clock
05-Jul-2007
logo
ARTSCHIP ELECTRONICS CO...
M48T86 ARTSCHIP-M48T86 Datasheet
9Mb / 29P
5.0V PC Real-Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com