Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48T86
Description  5V PC REAL TIME CLOCK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 3 Page - STMicroelectronics

  M48T86 Datasheet HTML 1Page - STMicroelectronics M48T86 Datasheet HTML 2Page - STMicroelectronics M48T86 Datasheet HTML 3Page - STMicroelectronics M48T86 Datasheet HTML 4Page - STMicroelectronics M48T86 Datasheet HTML 5Page - STMicroelectronics M48T86 Datasheet HTML 6Page - STMicroelectronics M48T86 Datasheet HTML 7Page - STMicroelectronics M48T86 Datasheet HTML 8Page - STMicroelectronics M48T86 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
M48T86
Table 2. Absolute Maximum Ratings (1)
Note: 1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational section
of this specification is not implied. Exposure to the absolute maximum rating conditions for extended periods of time may affect
reliability.
2. Soldering temperature not to exceed 260°C for 10 seconds (total thermal budget not to exceed 150°C for longer than 30 seconds).
CAUTION: Negative undershoots below –0.3V are not allowed on any pin while in the Battery Back-up mode.
CAUTION: Do NOT wave solder SOIC to avoid damaging SNAPHAT sockets.
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
0 to 70
°C
TSTG
Storage Temperature (VCC Off, Oscillator Off)
–40 to 85
°C
TSLD
(2)
Lead Solder Temperature for 10 seconds
260
°C
VIO
Input or Output Voltages
–0.3 to 7.0
V
VCC
Supply Voltage
–0.3 to 7.0
V
PD
Power Dissipation
1
W
For the 28 lead SOIC, the battery/crystal package
part number is "M4T28-BR12SH1".
Automatic deselection of the device provides in-
surance that data integrity is not compromised
should VCC fall below specified Power-fail Dese-
lect Voltage (VPFD) levels. The automatic deselec-
tion of the device remains in effect upon power up
for a period of 200ms (max) after VCC rises above
VPFD, provided that the Real Time Clock is running
and the count down chain is not reset. This allows
sufficient time for VCC to stabilize and gives the
system clock a wake up period so that a valid sys-
tem reset can be established.
The block diagram in Figure 3 shows the pin con-
nections and the major internal functions of the
M48T86.
SIGNAL DESCRIPTION
VCC, VSS. DC power is provided to the device on
these pins.The M48T86 utilizes a 5V VCC.
SQW (Square Wave Output). During normal op-
eration (i.e. valid VCC), the SQW pin can output a
signal from one of 13 taps.The frequency of the
SQW pin can be changed by programming Regis-
ter A as shown in Table 10. The SQW signal can
be turned on and off using the SQWE bit (Register
B; bit 3). The SQW signal is not available when
VCC is less than VPFD.
AD0-AD7 (Multiplexed Bi-Directional Address/
Data Bus). The M48T86 provides a multiplexed
bus in which address and data information share
the same signal path. The bus cycle consists of
two stages; first the address is latched, followed by
the data. Address/Data multiplexing does not slow
the access time of the M48T86, since the bus
change from address to data occurs during the in-
ternal RAM access time. Addresses must be valid
prior to the falling edge of AS, at which time the
M48T86 latches the address present on AD0-
AD7. Valid write data must be present and held
stable during the latter portion of the R/W pulse. In
a read cycle, the M48T86 outputs 8 bits of data
during the latter portion of the DS pulse. The read
cycle is terminated and the bus returns to a high
impedance state upon a high transition on R/W.
AS (Address Strobe Input). A
positive
going
pulse on the Address Strobe (AS) input serves to
demultiplex the bus. The falling edge of AS causes
the address present on AD0-AD7 to be latched
within the M48T86.
MOT (Mode Select). The MOT pin offers the flex-
ibility to choose between two bus types. When
connected to VCC, Motorola bus timing is selected.
When connected to VSS or left disconnected, Intel
bus timing is selected. The pin has an internal pull-
down resistance of approximately 20K ohms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com