Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48T86
Description  5V PC REAL TIME CLOCK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48T86 Datasheet HTML 13Page - STMicroelectronics M48T86 Datasheet HTML 14Page - STMicroelectronics M48T86 Datasheet HTML 15Page - STMicroelectronics M48T86 Datasheet HTML 16Page - STMicroelectronics M48T86 Datasheet HTML 17Page - STMicroelectronics M48T86 Datasheet HTML 18Page - STMicroelectronics M48T86 Datasheet HTML 19Page - STMicroelectronics M48T86 Datasheet HTML 20Page - STMicroelectronics M48T86 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
17/23
M48T86
IRQF. Interrupt Request Flag
The Interrupt Request Flag (IRQF) bit is set to a
one when one or more of the following are true:
PF = PIE = 1
AF = AIE = 1
UF = UIE = 1
(i.e. IRQF = PF*PIE+AF*AIE+UF*UIE)
PF. Periodic Interrupt Flag
The Periodic Interrupt Flag (PF) is a read-only bit
which is set to a one when an edge is detected on
the selected tap of the divider chain. The RS3-RS0
bits establish the periodic rate. PF is set to a one
independent of the state of the PIE bit. The IRQ
signal is active and will set the IRQF bit. The PF bit
is cleared by a RST or a software read of Register
C.
AF. Alarm Flag
A one in the AF (Alarm Interrupt Flag) bit indicates
that the current time has matched the alarm time.
If the AIE bit is also a one, the IRQ pin will go low
and a one will appear in the IRQF bit. A RST or a
read of Register C will clear AF.
UF. Update Ended Interrupt Flag
The Update Ended Interrupt Flag (UF) bit is set af-
ter each update cycle. When the UIE bit is set to a
one, the one in the UF bit causes the IRQF bit to
be a one. This will assert the IRQ pin. UF is
cleared by reading Register C or an RST.
BIT 0 through 3. Unused Bits
Bit 3-Bit 0 are unused. These bits always read
zero and cannot be written.
REGISTER C
MSB
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
IRQF
PF
AF
UF
0000
REGISTER D
MSB
BIT7
BIT6
BIT5
BIT4
BIT3
BIT2
BIT1
BIT0
VRT
0000000
VRT. Valid Ram And Time
The Valid RAM and Time (VRT) bit is set to the
one state by STMicroelectronics prior to shipment.
This bit is not writable and should always be a one
when read. If a zero is ever present, an exhausted
internal lithium cell is indicated and both the con-
tents of the RTC data and RAM data are question-
able. This bit is unaffected by RST.
BIT 0 through 6. Unused Bits
The remaining bits of Register D are not usable.
They cannot be written and when read, they will al-
ways read zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com