Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48T86
Description  5V PC REAL TIME CLOCK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48T86 Datasheet HTML 7Page - STMicroelectronics M48T86 Datasheet HTML 8Page - STMicroelectronics M48T86 Datasheet HTML 9Page - STMicroelectronics M48T86 Datasheet HTML 10Page - STMicroelectronics M48T86 Datasheet HTML 11Page - STMicroelectronics M48T86 Datasheet HTML 12Page - STMicroelectronics M48T86 Datasheet HTML 13Page - STMicroelectronics M48T86 Datasheet HTML 14Page - STMicroelectronics M48T86 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
M48T86
Figure 10. Motorola Bus Read/Write Mode AC Waveforms
AI01649
tASD
tASW
AS
E
AD0-AD7
(Write)
tCYC
tDSH
tDAS
tCS
tRWH
tAS
tDHW
DS
R/W
tDSL
tRWS
tCH
AD0-AD7
(Read)
tDW
tAH
tAH
tAS
tOD
tDHR
PERIODIC INTERRUPT
The periodic interrupt will cause the IRQ pin to go
to an active state from once every 500ms to once
every 122µs. This function is separate from the
alarm interrupt which can be output from once per
second to once per day. The periodic interrupt rate
is selected using the same Register A bits which
select the square wave frequency (see Table 10).
Changing the Register A bits affects both the
square wave frequency and the periodic interrupt
output. However, each function has a separate en-
able bit in Register B. The periodic interrupt is en-
abled by the PIE bit (Register B; Bit 6). The
periodic interrupt can be used with software
counters to measure inputs, create output inter-
vals, or await the next needed software function.
ALARM INTERRUPT
The alarm interrupt provides the system processor
with an interrupt when a match is made between
the RTC's hours, minutes, and seconds bytes and
the corresponding alarm bytes.
The three alarm bytes can be used in two ways.
First, when the alarm time is written in the appro-
priate hours, minutes, and seconds alarm loca-
tions, the alarm interrupt is initiated at the specified
time each day if the Alarm Interrupt Enable bit
(Register B; Bit 5) is high. The second use is to in-
sert a "don't care" state in one or more of the three
alarm bytes. The "don't care" code is any hexadec-
imal value from C0 to FF. The two most significant
bits of each byte set the "don't care" condition
when at logic "1". An alarm will be generated each
hour when the "don't care" is are set in the hours
byte. Similarly, an alarm is generated every minute
with "don't care" codes in the hour and minute
alarm bytes. The "don't care" codes in all three
alarm bytes create an interrupt every second.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com