Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T86
Description  5V PC REAL TIME CLOCK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T86 Datasheet HTML 9Page - STMicroelectronics M48T86 Datasheet HTML 10Page - STMicroelectronics M48T86 Datasheet HTML 11Page - STMicroelectronics M48T86 Datasheet HTML 12Page - STMicroelectronics M48T86 Datasheet HTML 13Page - STMicroelectronics M48T86 Datasheet HTML 14Page - STMicroelectronics M48T86 Datasheet HTML 15Page - STMicroelectronics M48T86 Datasheet HTML 16Page - STMicroelectronics M48T86 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13/23
M48T86
read valid time and date information. If this inter-
rupt is used, the IRQF bit (Register C; Bit 7) should
be cleared before leaving the interrupt routine.
A second method uses the Update-In-Progress
(UIP) bit (Register A; Bit 7) to determine if the up-
date cycle is in progress. The UIP bit will pulse
once per second. After the UIP bit goes high, the
update transfer occurs 244µs later. If a low is read
on the UIP bit, the user has at least 244µs before
the time/calendar data will be changed. Therefore,
the user should avoid interrupt service routines
that would cause the time needed to read valid
time/calendar data to exceed 244µs.
The third method uses a periodic interrupt to deter-
mine if an update cycle is in progress. The UIP bit
is set high between the setting of the PF bit (Reg-
ister C; Bit 6). Periodic interrupts that occur at a
rate greater than tBUC allow valid time and date in-
formation to be reached at each occurrence of the
periodic interrupt.The reads should be completed
within 1/(tPL/2 + tBUC) to ensure that data is not
read during the update cycle.
UPDATE CYCLE
The M48T86 executes an update cycle once per
second regardless of the SET bit (Register B; Bit
7). When the SET bit is asserted, the user copy of
the double buffered time, calendar, and alarm
bytes is frozen and will not update as the time in-
crements. However, the time countdown chain
continues to update the internal copy of the buffer.
This feature allows accurate time to be main-
tained, independent of reading and writing the
time, calendar, and alarm buffers. This also guar-
antees that the time and calendar information will
be consistent. The update cycle also compares
each alarm byte with the corresponding time byte
and issues an alarm if a match or if a "don't care"
code is present in all three positions.
There are three methods of accessing the real
time clock that will avoid any possibility of obtain-
ing inconsistent time and calendar data. The first
method uses the update-ended interrupt. If en-
abled, an interrupt occurs after every update cycle
which indicates that over 999ms are available to
Table 10. Square Wave Frequency/Periodic Interrupt Rate
Register A Bits
Square Wave
Periodic Interrupt
RS3
RS2
RS1
RS0
Frequency
Units
Period
Units
0000
None
None
0001
256
Hz
3.90625
ms
0010
128
Hz
7.8125
ms
0011
8.192
kHz
122.070
us
0100
4.096
kHz
244.141
us
0101
2.048
kHz
488.281
us
0110
1.024
kHz
976.5625
us
0111
512
Hz
1.953125
ms
1000
256
Hz
3.90625
ms
1001
128
Hz
7.8125
ms
1010
64
Hz
15.625
ms
1011
32
Hz
31.25
ms
1100
16
Hz
62.5
ms
11018
Hz
125
ms
11104
Hz
250
ms
11112
Hz
500
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com