Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48T86
Description  5V PC REAL TIME CLOCK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48T86 Datasheet HTML 8Page - STMicroelectronics M48T86 Datasheet HTML 9Page - STMicroelectronics M48T86 Datasheet HTML 10Page - STMicroelectronics M48T86 Datasheet HTML 11Page - STMicroelectronics M48T86 Datasheet HTML 12Page - STMicroelectronics M48T86 Datasheet HTML 13Page - STMicroelectronics M48T86 Datasheet HTML 14Page - STMicroelectronics M48T86 Datasheet HTML 15Page - STMicroelectronics M48T86 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
M48T86
12/23
UPDATE CYCLE INTERRUPT
After each update cycle, the update cycle ended
flag bit (UF) (Register C; Bit 4) is set to a "1". If the
update interrupt enable bit (UIE) (Register B; Bit 4)
is set to a "1", and the SET bit (Register B; Bit 7) is
a "0", then an interrupt request is generated at the
end of each update cycle.
SQUARE WAVE OUTPUT SELECTION
Thirteen of the 15 divider taps are made available
to a 1-of-15 selector, as shown in the block dia-
gram of Figure 3. The purpose of selecting a divid-
er tap is to generate a square wave output signal
on the SQW pin. The RS3-RS0 bits in Register A
establish the square wave output frequency.
These frequencies are listed in Table 10. The
SQW frequency selection shares the 1-of-15 se-
lector with the periodic interrupt generator. Once
the frequency is selected, the output of the SQW
pin can be turned on and off under program control
with the square wave enabled (SQWE).
OSCILLATOR CONTROL BITS
When the M48T86 is shipped from the factory the
internal oscillator is turned off. This feature pre-
vents the lithium energy cell from being dis-
charged until it is installed in a system. A pattern of
"010" in Bits 4-6 of Register A will turn the oscilla-
tor on and enable the countdown chain. A pattern
of "11X" will turn the oscillator on, but holds the
countdown chain of the oscillator in reset. All other
combinations of Bits 4-6 keep the oscillator off.
Figure 11. Address Map
AI01650
SECONDS
SECONDS ALARM
MINUTES
MINUTES ALARM
HOURS
HOURS ALARM
DAY OF WEEK
DATE OF MONTH
MONTH
YEAR
REGISTER A
REGISTER B
REGISTER C
REGISTER D
0
1
2
3
4
5
6
7
8
9
10
11
12
13
BCD OR
BINARY
FORMAT
00
0D
0E
7F
0
13
14
127
114
BYTES
14
BYTES
CLOCK AND CONTROL
STATUS REGISTERS
STORAGE REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com