Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M48T86
Description  5V PC REAL TIME CLOCK
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 4 Page - STMicroelectronics

  M48T86 Datasheet HTML 1Page - STMicroelectronics M48T86 Datasheet HTML 2Page - STMicroelectronics M48T86 Datasheet HTML 3Page - STMicroelectronics M48T86 Datasheet HTML 4Page - STMicroelectronics M48T86 Datasheet HTML 5Page - STMicroelectronics M48T86 Datasheet HTML 6Page - STMicroelectronics M48T86 Datasheet HTML 7Page - STMicroelectronics M48T86 Datasheet HTML 8Page - STMicroelectronics M48T86 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
M48T86
4/23
DS (Data Strobe Input). The DS pin is also re-
ferred to as Read (RD). A falling edge transition on
the Data Strobe (DS) input enables the output dur-
ing a a read cycle. This is very similar to an Output
Enable (G) signal on other memory devices.
E (Chip Enable Input). The
Chip
Enable
pin
must be asserted low for a bus cycle in the
M48T86 to be accessed. Bus cycles which take
place without asserting E will latch the addresses
present, but no data access will occur.
Figure 4. Block Diagram
AI01643
OSCILLATOR
BCD/BINARY
INCREMENT
E
/ 8
/ 64
/ 64
PERIODIC INTERRUPT/SQUARE WAVE SELECTOR
SQUARE WAVE
OUTPUT
POWER
SWITCH
AND
WRITE
PROTECT
AD0-AD7
REGISTERS A,B,C,D
CLOCK CALENDAR,
AND ALARM RAM
STORAGE
REGISTERS
(114 BYTES)
CLOCK/
CALENDAR
UPDATE
BUS
INTERFACE
VCC
VBAT
VCC
POK
DS
R/W
AS
SQW
RST
IRQ
DOUBLE
BUFFERED
RCL
IRQ (Interrupt Request Output). The IRQ pin is
an open drain output that can be used as an inter-
rupt input to a processor. The IRQ output remains
low as long as the status bit causing the interrupt
is present and the corresponding interrupt-enable
bit is set. IRQ returns to a high impedance state
whenever Register C is read. The RST pin can
also be used to clear pending interrupts. Because
the IRQ bus is an open drain output, it requires an
external pull-up resistor to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com