Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9611AUB+ Datasheet (PDF) - Analog Devices

MAX9611AUB+ Datasheet PDF - Analog Devices
Part # MAX9611AUB+
Download  MAX9611AUB+ Download
File Size   1485.06 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator

MAX9611AUB+ Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9611AUB+ Datasheet PDF - Analog Devices

Part # MAX9611AUB+
Download  MAX9611AUB+ Click to download

File Size   1485.06 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator

MAX9611AUB+ Datasheet (HTML) - Analog Devices


MAX9611AUB+ Product details

Features
●● 0V to +60V Input Common-Mode Voltage Range
●● 2.7V to 5.5V Power-Supply Range, Compatible with
1.8V and 3.3V Logic
●● 5μA Software Shutdown Current
●● Integrated 12-Bit ADC
●● 13μV Current-Sense ADC Resolution
●● 500μV (max) Current-Sense ADC Input Offset
Voltage
●● 0.5% (max) Current-Sense ADC Gain Error
●● I2C Bus with 16 Addresses
●● Small, 3mm x 5mm 10-Pin μMAX Package
●● -40°C to +125°C Operating Temperature Range




Similar Part No. - MAX9611AUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9611AUB+ MAXIM-MAX9611AUB+ Datasheet
2Mb / 20P
High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
Rev 2; 1/11
MAX9611AUB+ MAXIM-MAX9611AUB+ Datasheet
1Mb / 20P
High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
19-5543; Rev 5; 12/19
More results


Similar Description - MAX9611AUB+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069 Datasheet
472Kb / 16P
Bidirectional, High-Side, Current-Sense Amplifiers with Reference
19-2423; Rev 2; 1/03
MAX9611 MAXIM-MAX9611 Datasheet
2Mb / 20P
High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
Rev 2; 1/11
logo
Linear Technology
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
High Side Current Sense Amplifier with Reference and Comparator
logo
STMicroelectronics
CS30 STMICROELECTRONICS-CS30 Datasheet
689Kb / 18P
High side current sense high voltage op amp
06-Mar-2014
CS70 STMICROELECTRONICS-CS70 Datasheet
772Kb / 24P
High side current sense high voltage op amp
06-Mar-2014
logo
Linear Technology
LT6118 LINER-LT6118 Datasheet
218Kb / 6P
High Side Current Sense Amplifier with Reference and Comparator with POR Capability
logo
SONiX Technology Compan...
SN8P2740 SONIX-SN8P2740 Datasheet
3Mb / 136P
ADC, OP-amp, Comparator 8-Bit Micro-Controller
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611_V01 Datasheet
1Mb / 20P
High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
19-5543; Rev 5; 12/19
logo
Richtek Technology Corp...
RT6056 RICHTEK-RT6056 Datasheet
1Mb / 27P
High-Side or Low-Side Measurement, Bi-Directional Current and Power Monitor with 16-Bit ADC Op Amp/Alert
April 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com