Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS70 Datasheet (PDF) - STMicroelectronics

CS70 Datasheet PDF - STMicroelectronics
Part # CS70
Download  CS70 Download
File Size   772.23 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High side current sense high voltage op amp

CS70 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS70 Datasheet PDF - STMicroelectronics

Part # CS70
Download  CS70 Click to download

File Size   772.23 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High side current sense high voltage op amp

CS70 Datasheet (HTML) - STMicroelectronics


CS70 Product details

Description
The CS70 measures a small differential voltage on a high-side shunt resistor and translates it into a ground-referenced output voltage. The gain is adjustable to four different values from 20 V/V up to 100 V/V by two selection pins. Wide input common-mode voltage range, low quiescent current, and tiny TSSOP8 packaging enable use in a wide variety of applications. The input common-mode and power-supply voltages are independent. The common-mode voltage can range from 2.9 V to 70 V in the singlesupply configuration or be offset by an adjustable voltage supplied on the Vcc- pin in the dualsupply configuration. With a current consumption lower than 360 µA and a virtually null input leakage current in standby mode, the power consumption in the applications is minimized. 2 1 3 SEL2 Vm SEL1 6 8 Gnd Vp 4 Out 7 Vcc5 Vcc+ TSSOP8 (Plastic package)




Similar Part No. - CS70

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS70-B2GA101KYGSA TDK-CS70-B2GA101KYGSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA101KYNSA TDK-CS70-B2GA101KYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA101KYVSA TDK-CS70-B2GA101KYVSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA151KYGSA TDK-CS70-B2GA151KYGSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA151KYNSA TDK-CS70-B2GA151KYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results


Similar Description - CS70

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
High-voltage, high-side current sense amplifier
04-Jan-2010
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611 Datasheet
2Mb / 20P
High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
Rev 2; 1/11
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
High-voltage, high-side current sense amplifier
29-Apr-2011
logo
Linear Technology
LTC6101AIS5 LINER-LTC6101AIS5 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
CS30 STMICROELECTRONICS-CS30 Datasheet
689Kb / 18P
High side current sense high voltage op amp
06-Mar-2014
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
High Voltage High-Side Current Sense Amplifier
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
High Voltage High Side Current and Voltage Sense
04/19-REV.A
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611_V01 Datasheet
1Mb / 20P
High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
19-5543; Rev 5; 12/19
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com