Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS70 Datasheet(PDF) 1 Page - STMicroelectronics

Part # CS70
Description  High side current sense high voltage op amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS70 Datasheet(HTML) 1 Page - STMicroelectronics

  CS70 Datasheet HTML 1Page - STMicroelectronics CS70 Datasheet HTML 2Page - STMicroelectronics CS70 Datasheet HTML 3Page - STMicroelectronics CS70 Datasheet HTML 4Page - STMicroelectronics CS70 Datasheet HTML 5Page - STMicroelectronics CS70 Datasheet HTML 6Page - STMicroelectronics CS70 Datasheet HTML 7Page - STMicroelectronics CS70 Datasheet HTML 8Page - STMicroelectronics CS70 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is information on a product in full production.
March 2014
DocID026041 Rev 1
1/24
CS70
High side current sense high voltage op amp
Datasheet
- production data
Features
 Independent supply and input common-mode
voltages
 Wide common-mode operating range: 2.9 V to
70 V in single-supply configuration, -2.1 V to
65 V in dual-supply configuration
 Wide common-mode surviving range: -16 V to
75 V (reversed battery and load-dump
conditions)
 Supply voltage range: 2.7 to 5.5 V in single-
supply configuration
 Low current consumption: I
CC max = 360 µA
 Pin selectable gain: 20 V/V, 25 V/V, 50 V/V or
100 V/V
 Buffered output
Applications
 Wireless battery chargers
 Chargers for portable equipment
 Precision current sources
 Wearable
Description
The CS70 measures a small differential voltage
on a high-side shunt resistor and translates it into
a ground-referenced output voltage. The gain is
adjustable to four different values from 20 V/V up
to 100 V/V by two selection pins.
Wide input common-mode voltage range, low
quiescent current, and tiny TSSOP8 packaging
enable use in a wide variety of applications.
The input common-mode and power-supply
voltages are independent. The common-mode
voltage can range from 2.9 V to 70 V in the single-
supply configuration or be offset by an adjustable
voltage supplied on the Vcc- pin in the dual-
supply configuration.
With a current consumption lower than 360 µA
and a virtually null input leakage current in
standby mode, the power consumption in the
applications is minimized.
2
1
3
SEL2
Vm
SEL1
6
8
Gnd
Vp
4
Out
7 Vcc-
5 Vcc+
TSSOP8
(Plastic package)
Pin connections
(top view)
Table 1. Device summary
Part number
Temperature range
Package
Packaging
Marking
CS70P
- 40° C to +125 °C
TSSOP8
Tape and reel
103I
www.st.com


Similar Part No. - CS70

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CS70-B2GA101KYGSA TDK-CS70-B2GA101KYGSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA101KYNSA TDK-CS70-B2GA101KYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA101KYVSA TDK-CS70-B2GA101KYVSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA151KYGSA TDK-CS70-B2GA151KYGSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS70-B2GA151KYNSA TDK-CS70-B2GA151KYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
More results

Similar Description - CS70

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
High-voltage, high-side current sense amplifier
04-Jan-2010
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611 Datasheet
2Mb / 20P
High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
Rev 2; 1/11
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
High-voltage, high-side current sense amplifier
29-Apr-2011
logo
Linear Technology
LTC6101AIS5 LINER-LTC6101AIS5 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
CS30 STMICROELECTRONICS-CS30 Datasheet
689Kb / 18P
High side current sense high voltage op amp
06-Mar-2014
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
High Voltage High-Side Current Sense Amplifier
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
High Voltage High Side Current and Voltage Sense
04/19-REV.A
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611_V01 Datasheet
1Mb / 20P
High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
19-5543; Rev 5; 12/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com