Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30 Datasheet (PDF) - STMicroelectronics

CS30 Datasheet PDF - STMicroelectronics
Part # CS30
Download  CS30 Download
File Size   689.71 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High side current sense high voltage op amp

CS30 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS30 Datasheet PDF - STMicroelectronics

Part # CS30
Download  CS30 Click to download

File Size   689.71 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High side current sense high voltage op amp

CS30 Datasheet (HTML) - STMicroelectronics


CS30 Product details

Description
The CS30 measures a small differential voltage on a high-side shunt resistor and translates it into a ground referenced output voltage. The gain is internally fixed. Wide input common-mode voltage range, low quiescent current, and tiny SOT23 packaging enable use in a wide variety of applications. The input common-mode and power supply voltages are independent. The common-mode voltage can range from 2.8 to 30 V in operating conditions and up to 60 V in absolute maximum rating conditions. The current consumption below 300 µA and the wide supply voltage range enable the power supply to be connected to either side of the current measurement shunt with minimal error. 2 1 3 Vp Out Gnd 4 5 Vm Vcc SOT23-5L (Plastic package)

Features
■ Independent supply and input common-mode voltages
■ Wide common-mode operating range: 2.8 to 30 V
■ Wide common-mode surviving range: - 0.3 to 60 V (load-dump)
■ Wide supply voltage range: 4 to 24 V
■ Low current consumption: ICC max = 300 µA
■ Internally fixed gain: 20 V/V, 50 V/V or 100 V/V
■ Buffered output

Applications
■ Wireless battery chargers
■ Chargers for portable equipment
■ Precision current sources
■ Wearable




Similar Part No. - CS30

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CS30 IXYS-CS30 Datasheet
57Kb / 3P
Phase Control Thyristor
logo
List of Unclassifed Man...
CS30 ETC-CS30 Datasheet
1Mb / 1P
METAL STRIP SHUNT RESISTROS FOR DETECTING ELETRICAL CURRENT
logo
Danley Sound Labs. All ...
CS30 DANLEY-CS30 Datasheet
387Kb / 2P
FRONT LOADED – COMMERCIAL PRO SUBWOOFERS
logo
IXYS Corporation
CS30-12IO1 IXYS-CS30-12IO1 Datasheet
57Kb / 3P
Phase Control Thyristor
CS30-14IO1 IXYS-CS30-14IO1 Datasheet
57Kb / 3P
Phase Control Thyristor
More results


Similar Description - CS30

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6103 LINER-LTC6103 Datasheet
269Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
TSC103 STMICROELECTRONICS-TSC103 Datasheet
370Kb / 23P
High-voltage, high-side current sense amplifier
04-Jan-2010
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611 Datasheet
2Mb / 20P
High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
Rev 2; 1/11
logo
STMicroelectronics
TSC1031 STMICROELECTRONICS-TSC1031 Datasheet
534Kb / 26P
High-voltage, high-side current sense amplifier
29-Apr-2011
logo
Linear Technology
LTC6101AIS5 LINER-LTC6101AIS5 Datasheet
258Kb / 22P
High Voltage, High-Side Current Sense
LTC6103 LINER-LTC6103_15 Datasheet
278Kb / 16P
Dual High Voltage, High Side Current Sense Amplifier
logo
STMicroelectronics
CS70 STMICROELECTRONICS-CS70 Datasheet
772Kb / 24P
High side current sense high voltage op amp
06-Mar-2014
logo
Analog Devices
LTC6101 AD-LTC6101 Datasheet
286Kb / 22P
High Voltage High-Side Current Sense Amplifier
LTC6115 AD-LTC6115 Datasheet
1Mb / 20P
High Voltage High Side Current and Voltage Sense
04/19-REV.A
logo
Maxim Integrated Produc...
MAX9611 MAXIM-MAX9611_V01 Datasheet
1Mb / 20P
High-Side, Current-Sense Amplifiers with 12-Bit ADC and Op Amp/Comparator
19-5543; Rev 5; 12/19
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com