Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30 Datasheet(PDF) 5 Page - STMicroelectronics

Part # CS30
Description  High side current sense high voltage op amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS30 Datasheet(HTML) 5 Page - STMicroelectronics

  CS30 Datasheet HTML 1Page - STMicroelectronics CS30 Datasheet HTML 2Page - STMicroelectronics CS30 Datasheet HTML 3Page - STMicroelectronics CS30 Datasheet HTML 4Page - STMicroelectronics CS30 Datasheet HTML 5Page - STMicroelectronics CS30 Datasheet HTML 6Page - STMicroelectronics CS30 Datasheet HTML 7Page - STMicroelectronics CS30 Datasheet HTML 8Page - STMicroelectronics CS30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID026040 Rev 1
5/18
CS30
Electrical characteristics
18
3
Electrical characteristics
Table 5. Supply(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICC
Total supply current
Vsense =0 V
Tmin < Tamb < Tmax
165
300
µA
1. Unless otherwise specified, the test conditions are Tamb = 25°C, VCC =12V, Vsense =Vp-Vm =50mV, Vm = 12 V, no load
on Out.
Table 6. Input(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
CMR
Common mode rejection
Variation of Vout versus Vicm
referred to input(2)
2.8 V < Vicm < 30 V
Tmin < Tamb < Tmax
90
105
dB
SVR
Supply voltage rejection
Variation of Vout versus VCC(3)
4.0 V < VCC < 24 V
Vsense =30mV
Tmin < Tamb < Tmax
90
105
dB
Vos
Input offset voltage(4)
Tamb = 25°C
Tmin < Tamb < Tmax
±0.2
±0.9
±1.5
±2.3
mV
dVos/dT Input offset drift vs. T
Tmin < Tamb < Tmax
-3
µV/°C
Ilk
Input leakage current
VCC = 0 V
Tmin < Tamb < Tmax
1µA
Iib
Input bias current
Vsense = 0 V
Tmin < Tamb < Tmax
5.5
8
µA
1. Unless otherwise specified, the test conditions are Tamb = 25°C, VCC =12V, Vsense =Vp-Vm =50mV, Vm = 12 V, no load
on Out.
2. See Section 4.1: Common mode rejection ratio (CMR) on page 12 for the definition of CMR.
3. See Section 4.2: Supply voltage rejection ratio (SVR) on page 12 for the definition of SVR.
4. See Section 4.3: Gain (Av) and input offset voltage (Vos) on page 12 for the definition of Vos.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com