Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30 Datasheet(PDF) 13 Page - STMicroelectronics

Part # CS30
Description  High side current sense high voltage op amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS30 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button CS30 Datasheet HTML 9Page - STMicroelectronics CS30 Datasheet HTML 10Page - STMicroelectronics CS30 Datasheet HTML 11Page - STMicroelectronics CS30 Datasheet HTML 12Page - STMicroelectronics CS30 Datasheet HTML 13Page - STMicroelectronics CS30 Datasheet HTML 14Page - STMicroelectronics CS30 Datasheet HTML 15Page - STMicroelectronics CS30 Datasheet HTML 16Page - STMicroelectronics CS30 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DocID026040 Rev 1
13/18
CS30
Parameter definitions
18
Figure 20. Vout versus Vsense characteristics: detail for low Vsense values
4.4
Output voltage drift versus temperature
The output voltage drift versus temperature is defined as the maximum variation of Vout with
respect to its value at 25°C, over the temperature range. It is calculated as follows:
with Tmin < Tamb < Tmax.
Figure 21 provides a graphical definition of output voltage drift versus temperature. On this
chart, Vout is always comprised in the area defined by dotted lines representing the
maximum and minimum variation of Vout versus T.
Figure 21. Output voltage drift versus temperature
ΔVout
ΔT
-----------------max
Vout Tamb
() Vout 25°C
()
–
Tamb 25°C
–
-------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com