Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30 Datasheet(PDF) 6 Page - STMicroelectronics

Part # CS30
Description  High side current sense high voltage op amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS30 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button CS30 Datasheet HTML 2Page - STMicroelectronics CS30 Datasheet HTML 3Page - STMicroelectronics CS30 Datasheet HTML 4Page - STMicroelectronics CS30 Datasheet HTML 5Page - STMicroelectronics CS30 Datasheet HTML 6Page - STMicroelectronics CS30 Datasheet HTML 7Page - STMicroelectronics CS30 Datasheet HTML 8Page - STMicroelectronics CS30 Datasheet HTML 9Page - STMicroelectronics CS30 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Electrical characteristics
CS30
6/18
DocID026040 Rev 1
Table 7. Output(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Av
Gain
CS30A
CS30B
CS30C
20
50
100
V/V
ΔAv
Gain accuracy
Tamb = 25°C
Tmin < Tamb < Tmax
±2.5
±4.5
%
ΔVout/ΔT Output voltage drift vs. T(2)
Tmin < Tamb < Tmax
0.4
mV/°C
ΔVout/ΔIout Output stage load regulation
-10 mA < Iout <10 mA
Iout sink or source current
34
mV/mA
ΔVout
Total output voltage accuracy(3)
Vsense = 50 mV Tamb = 25°C
Tmin < Tamb < Tmax
±2.5
±4.5
%
ΔVout
Total output voltage accuracy
Vsense = 100 mV Tamb = 25°C
Tmin < Tamb < Tmax
±3.5
±5
%
ΔVout
Total output voltage accuracy
Vsense = 20 mV Tamb = 25°C
Tmin < Tamb < Tmax
±8
±11
%
ΔVout
Total output voltage accuracy
Vsense = 10 mV Tamb = 25°C
Tmin < Tamb < Tmax
±15
±20
%
Isc-sink
Short-circuit sink current
Out connected to VCC,
Vsense = -1 V
30
60
mA
Isc-source Short-circuit source current
Out connected to Gnd
Vsense = 1 V
15
26
mA
Voh
Output stage high-state saturation
voltage
Voh=VCC-Vout
Vsense = 1 V
Iout = 1 mA
0.8
1
V
Vol
Output stage low-state saturation
voltage
Vsense = -1 V
Iout = 1 mA
50
100
mV
1. Unless otherwise specified, the test conditions are Tamb = 25°C, VCC = 12 V, Vsense = Vp-Vm = 50 mV, Vm = 12 V, no load on
Out.
2. See Output voltage drift versus temperature on page 13 for the definition.
3. Output voltage accuracy is the difference with the expected theoretical output voltage Vout-th = Av*Vsense. See Output
voltage accuracy on page 14 for a more detailed definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com