Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30 Datasheet(PDF) 14 Page - STMicroelectronics

Part # CS30
Description  High side current sense high voltage op amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS30 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button CS30 Datasheet HTML 10Page - STMicroelectronics CS30 Datasheet HTML 11Page - STMicroelectronics CS30 Datasheet HTML 12Page - STMicroelectronics CS30 Datasheet HTML 13Page - STMicroelectronics CS30 Datasheet HTML 14Page - STMicroelectronics CS30 Datasheet HTML 15Page - STMicroelectronics CS30 Datasheet HTML 16Page - STMicroelectronics CS30 Datasheet HTML 17Page - STMicroelectronics CS30 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Parameter definitions
CS30
14/18
DocID026040 Rev 1
4.5
Output voltage accuracy
The output voltage accuracy is the difference between the actual output voltage and the
theoretical output voltage. Ideally, the current sensing output voltage should be equal to the
input differential voltage multiplied by the theoretical gain, as in the following formula:
Vout-th=Av Vsense
The actual value is very slightly different, mainly due to the effects of:
the input offset voltage Vos,
non-linearity
Figure 22. Vout vs. Vsense theoretical and actual characteristics
The output voltage accuracy, expressed in percentage, can be calculated with the following
formula:
with Av = 20 V/V for CS30A, Av = 50 V/V for CS30B and Av = 100 V/V for CS30C.
ΔVout
abs Vout Av Vsense
()
()
Av Vsense
-----------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com