Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30 Datasheet(PDF) 12 Page - STMicroelectronics

Part # CS30
Description  High side current sense high voltage op amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS30 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button CS30 Datasheet HTML 8Page - STMicroelectronics CS30 Datasheet HTML 9Page - STMicroelectronics CS30 Datasheet HTML 10Page - STMicroelectronics CS30 Datasheet HTML 11Page - STMicroelectronics CS30 Datasheet HTML 12Page - STMicroelectronics CS30 Datasheet HTML 13Page - STMicroelectronics CS30 Datasheet HTML 14Page - STMicroelectronics CS30 Datasheet HTML 15Page - STMicroelectronics CS30 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Parameter definitions
CS30
12/18
DocID026040 Rev 1
4
Parameter definitions
4.1
Common mode rejection ratio (CMR)
The common-mode rejection ratio (CMR) measures the ability of the current-sensing
amplifier to reject any DC voltage applied on both inputs Vp and Vm. The CMR is referred
back to the input so that its effect can be compared with the applied differential signal. The
CMR is defined by the formula:
4.2
Supply voltage rejection ratio (SVR)
The supply-voltage rejection ratio (SVR) measures the ability of the current-sensing
amplifier to reject any variation of the supply voltage VCC. The SVR is referred back to the
input so that its effect can be compared with the applied differential signal. The SVR is
defined by the formula:
4.3
Gain (Av) and input offset voltage (Vos)
The input offset voltage is defined as the intersection between the linear regression of the
Vout versus Vsense curve with the X-axis (see Figure 20). If Vout1 is the output voltage with
Vsense=Vsense1=50mV and Vout2 is the output voltage with Vsense=Vsense2=5mV, then Vos
can be calculated with the following formula:
The amplification gain Av is defined as the ratio between output voltage and input differential
voltage:
CMR
20
–
ΔVout
ΔVicm Av
⋅
----------------------------
log
⋅
=
SVR
20
–
ΔVout
ΔVCC Av
⋅
---------------------------
log
⋅
=
Vos
Vsense1
Vsense1 Vsense2
–
Vout1 Vout2
–
------------------------------------------------ Vout1
⋅


–
=
Av
Vout
Vsense
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com