Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS30 Datasheet(PDF) 7 Page - STMicroelectronics

Part # CS30
Description  High side current sense high voltage op amp
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS30 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button CS30 Datasheet HTML 3Page - STMicroelectronics CS30 Datasheet HTML 4Page - STMicroelectronics CS30 Datasheet HTML 5Page - STMicroelectronics CS30 Datasheet HTML 6Page - STMicroelectronics CS30 Datasheet HTML 7Page - STMicroelectronics CS30 Datasheet HTML 8Page - STMicroelectronics CS30 Datasheet HTML 9Page - STMicroelectronics CS30 Datasheet HTML 10Page - STMicroelectronics CS30 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
DocID026040 Rev 1
7/18
CS30
Electrical characteristics
18
Table 8. Frequency response(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ts
Output settling to 1% final value
Vsense = 10 mV to 100 mV
Cload = 47 pF(2)
CS30A
CS30B
CS30C
3
6
10
µs
SR
Slew rate
Vsense = 10 mV to 100 mV
0.55
0.9
V/µs
BW
3dB bandwidth
Cload = 47 pF(2)
Vsense = 100 mV
CS30A
CS30B
CS30C
500
670
450
kHz
1. Unless otherwise specified, the test conditions are Tamb = 25°C, VCC = 12 V, Vsense = Vp-Vm = 50 mV, Vm = 12 V, no load on
Out.
2. For stability purposes, we do not recommend using a greater value of load capacitor.
Table 9. Noise(1)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Total output voltage noise
50
nV/
√ Hz
1. Unless otherwise specified, the test conditions are Tamb = 25°C, VCC = 12 V, Vsense = Vp-Vm = 50 mV, Vm = 12 V, no load on
Out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com