Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS70 Datasheet(PDF) 16 Page - STMicroelectronics

Part # CS70
Description  High side current sense high voltage op amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS70 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button CS70 Datasheet HTML 12Page - STMicroelectronics CS70 Datasheet HTML 13Page - STMicroelectronics CS70 Datasheet HTML 14Page - STMicroelectronics CS70 Datasheet HTML 15Page - STMicroelectronics CS70 Datasheet HTML 16Page - STMicroelectronics CS70 Datasheet HTML 17Page - STMicroelectronics CS70 Datasheet HTML 18Page - STMicroelectronics CS70 Datasheet HTML 19Page - STMicroelectronics CS70 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Parameter definitions
CS70
16/24
DocID026041 Rev 1
5.5
Input offset drift versus temperature
The input voltage drift versus temperature is defined as the maximum variation of Vos with
respect to its value at 25 °C over the temperature range. It is calculated as follows:
with Tmin < Tamb < Tmax.
Figure 19 provides a graphical definition of the input offset drift versus temperature. On this
chart, Vos is always within the area defined by the maximum and minimum variation of Vos
versus T, and T = 25 °C is considered to be the reference.
Figure 19. Input offset drift versus temperature (Av = 50 V/V)
5.6
Output voltage accuracy
The output voltage accuracy is the difference between the actual output voltage and the
theoretical output voltage. Ideally, the current sensing output voltage should be equal to the
input differential voltage multiplied by the theoretical gain, as in the following formula.
Vout-th =Av.Vsense
The actual value is very slightly different, mainly due to the effects of:
the input offset voltage Vos
the non-linearity
V
os
T
---------------max
V
os
T
amb
 V
os
25
C

T
amb
25
C
--------------------------------------------------------------------
=
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
-60
-40
-20
0
20
40
60
80
100 120 140
T (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com