Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS70 Datasheet(PDF) 15 Page - STMicroelectronics

Part # CS70
Description  High side current sense high voltage op amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS70 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button CS70 Datasheet HTML 11Page - STMicroelectronics CS70 Datasheet HTML 12Page - STMicroelectronics CS70 Datasheet HTML 13Page - STMicroelectronics CS70 Datasheet HTML 14Page - STMicroelectronics CS70 Datasheet HTML 15Page - STMicroelectronics CS70 Datasheet HTML 16Page - STMicroelectronics CS70 Datasheet HTML 17Page - STMicroelectronics CS70 Datasheet HTML 18Page - STMicroelectronics CS70 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
DocID026041 Rev 1
15/24
CS70
Parameter definitions
24
5.4
Output voltage drift versus temperature
The output voltage drift versus temperature is defined as the maximum variation of Vout with
respect to its value at 25 °C over the temperature range. It is calculated as follows:
with Tmin < Tamb < Tmax.
Figure 18 provides a graphical definition of the output voltage drift versus temperature. On
this chart, Vout is always within the area defined by the maximum and minimum variation of
Vout versus T, and T = 25 °C is considered to be the reference.
Figure 18. Output voltage drift versus temperature (Av = 50 V/V Vsense =50mV)
V
out
T
-----------------max
V
out
T
amb
 V
out
25
C

T
amb
25
C
-------------------------------------------------------------------------
=
-60
-40
-20
0
20
40
60
-60
-40
-20
0
20
40
60
80
100 120 140
T (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com