Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS70 Datasheet(PDF) 17 Page - STMicroelectronics

Part # CS70
Description  High side current sense high voltage op amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CS70 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button CS70 Datasheet HTML 13Page - STMicroelectronics CS70 Datasheet HTML 14Page - STMicroelectronics CS70 Datasheet HTML 15Page - STMicroelectronics CS70 Datasheet HTML 16Page - STMicroelectronics CS70 Datasheet HTML 17Page - STMicroelectronics CS70 Datasheet HTML 18Page - STMicroelectronics CS70 Datasheet HTML 19Page - STMicroelectronics CS70 Datasheet HTML 20Page - STMicroelectronics CS70 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DocID026041 Rev 1
17/24
CS70
Parameter definitions
24
Figure 20. Vout vs. Vsense theoretical and actual characteristics
The output voltage accuracy, expressed as a percentage, can be calculated with the
following formula,
with 20 V/V, 25 V/V, 50 V/V or 100 V/V depending on the configuration of the SEL1 and
SEL2 pins.
Vsense
5 mV
Ideal
Actual
Vout
AM04521
Vout accuracy for Vsense = 5 mV
V
out
abs V
out
Av V
sense


Av V
sense
-----------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com