Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9744 Datasheet (PDF) - Analog Devices

MAX9744 Datasheet PDF - Analog Devices
Part # MAX9744
Download  MAX9744 Download
File Size   603.43 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20W Stereo Class D Speaker Amplifier with Volume Control

MAX9744 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9744 Datasheet PDF - Analog Devices

Part # MAX9744
Download  MAX9744 Click to download

File Size   603.43 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20W Stereo Class D Speaker Amplifier with Volume Control

MAX9744 Datasheet (HTML) - Analog Devices


MAX9744 Product details

Features
♦ Wide 4.5V to 14V Power-Supply Voltage Range
♦ Filterless Spread-Spectrum Modulation Lowers
Radiated RF Emissions from Speaker Cables
♦ 20W Stereo Output (4Ω, VDD = 12V, THD+N = 10%)
♦ Integrated Volume Control (I2C or Analog)
♦ Low 0.04% THD+N
♦ High 75dB PSRR
♦ High 93% Efficiency
♦ Integrated Click-and-Pop Suppression
♦ Low-Power Shutdown Mode
♦ Short-Circuit and Thermal-Overload Protection
♦ Available in a 44-Pin Thin QFN-EP (7mm x 7mm x
0.8mm)




Similar Part No. - MAX9744

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9744 MAXIM-MAX9744 Datasheet
135Kb / 1P
20W Stereo Class D Speaker Amplifier with Volume Control
Rev 0; 3/08
MAX9744 MAXIM-MAX9744 Datasheet
603Kb / 28P
20W Stereo Class D Speaker Amplifier with Volume Control
19-4078; Rev 1; 9/08
MAX9744ETH MAXIM-MAX9744ETH Datasheet
135Kb / 1P
20W Stereo Class D Speaker Amplifier with Volume Control
Rev 0; 3/08
MAX9744ETH+ MAXIM-MAX9744ETH+ Datasheet
603Kb / 28P
20W Stereo Class D Speaker Amplifier with Volume Control
19-4078; Rev 1; 9/08
MAX9744 MAXIM-MAX9744_V01 Datasheet
603Kb / 28P
20W Stereo Class D Speaker Amplifier with Volume Control
19-4078; Rev 1; 9/08
More results


Similar Description - MAX9744

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA208DS ETC1-TMPA208DS Datasheet
179Kb / 8P
2.5W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH VOLUME CONTROL
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
MAX9744 MAXIM-MAX9744 Datasheet
135Kb / 1P
20W Stereo Class D Speaker Amplifier with Volume Control
Rev 0; 3/08
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
logo
Rohm
BD5424EFS ROHM-BD5424EFS Datasheet
604Kb / 18P
20W20W Class-D Speaker Amplifier for Analog Input
BD5446EFV ROHM-BD5446EFV Datasheet
747Kb / 31P
20W20W Class-D Speaker Amplifier for Digital Input
logo
Anpec Electronics Corop...
APA3176 ANPEC-APA3176 Datasheet
737Kb / 45P
20W Stereo Digital Class-D Amplifier
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
20W Stereo Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
MAX9744 MAXIM-MAX9744_V01 Datasheet
603Kb / 28P
20W Stereo Class D Speaker Amplifier with Volume Control
19-4078; Rev 1; 9/08
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com