Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9744 Datasheet (PDF) - Maxim Integrated Products

MAX9744 Datasheet PDF - Maxim Integrated Products
Part # MAX9744
Download  MAX9744 Download
File Size   135.88 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 20W Stereo Class D Speaker Amplifier with Volume Control

MAX9744 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9744 Datasheet PDF - Maxim Integrated Products

Part # MAX9744
Download  MAX9744 Click to download

File Size   135.88 Kbytes
Page   1 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 20W Stereo Class D Speaker Amplifier with Volume Control

MAX9744 Datasheet (HTML) - Maxim Integrated Products


MAX9744 Product details

General Description

The MAX9744 20W stereo Class D audio power amplifier provides Class AB amplifier performance with Class D efficiency, conserving board space and eliminating the need for a bulky heatsink. This device features single-supply operation, adjustable gain, shutdown mode, SYNC output, speaker mute, and industry-leading click and-pop suppression.

The MAX9744 features a 64-step dual-mode (analog or digital), programmable volume control and mute function. The MAX9744 operates from a 4.5V to 14V single supply and can deliver up to 20W per channel into a 4Ω speaker with a 14V supply.



Features

♦ Wide 4.5V to 14V Power-Supply Voltage Range

♦ Filterless Spread-Spectrum Modulation Lowers

  Radiated RF Emissions from Speaker Cables

♦ 20W Stereo Output (4Ω, VDD = 12V, THD+N = 10%)

♦ Integrated Volume Control (I2C or Analog)

♦ Low 0.04% THD+N

♦ High 75dB PSRR

♦ High 93% Efficiency (20W, 8Ω)

♦ Integrated Click-and-Pop Suppression

♦ Low-Power Shutdown Mode

♦ Short-Circuit and Thermal-Overload Protection

♦ Available in a 44-Pin Thin QFN-EP (7mm x 7mm x 0.8mm)



Applications

  Flat-Panel Televisions

  PC Speaker Systems

  Multimedia Docking Stations



 




Similar Part No. - MAX9744

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9744 MAXIM-MAX9744 Datasheet
603Kb / 28P
20W Stereo Class D Speaker Amplifier with Volume Control
19-4078; Rev 1; 9/08
logo
Analog Devices
MAX9744 AD-MAX9744 Datasheet
603Kb / 28P
20W Stereo Class D Speaker Amplifier with Volume Control
Rev 1 9/08
logo
Maxim Integrated Produc...
MAX9744ETH+ MAXIM-MAX9744ETH+ Datasheet
603Kb / 28P
20W Stereo Class D Speaker Amplifier with Volume Control
19-4078; Rev 1; 9/08
logo
Analog Devices
MAX9744ETH+ AD-MAX9744ETH+ Datasheet
603Kb / 28P
20W Stereo Class D Speaker Amplifier with Volume Control
Rev 1 9/08
logo
Maxim Integrated Produc...
MAX9744 MAXIM-MAX9744_V01 Datasheet
603Kb / 28P
20W Stereo Class D Speaker Amplifier with Volume Control
19-4078; Rev 1; 9/08
More results


Similar Description - MAX9744

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMPA208DS ETC1-TMPA208DS Datasheet
179Kb / 8P
2.5W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH VOLUME CONTROL
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768 Datasheet
332Kb / 25P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 0; 9/07
MAX9768 MAXIM-MAX9768_08 Datasheet
487Kb / 26P
10W Mono Class D Speaker Amplifier with Volume Control
Rev 2; 11/08
logo
Rohm
BD5424EFS ROHM-BD5424EFS Datasheet
604Kb / 18P
20W20W Class-D Speaker Amplifier for Analog Input
BD5446EFV ROHM-BD5446EFV Datasheet
747Kb / 31P
20W20W Class-D Speaker Amplifier for Digital Input
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Anpec Electronics Corop...
APA3176 ANPEC-APA3176 Datasheet
737Kb / 45P
20W Stereo Digital Class-D Amplifier
logo
Nuvoton Technology Corp...
NAU83P20 NUVOTON-NAU83P20 Datasheet
1Mb / 28P
20W Stereo Class-D Audio Amplifier
logo
Maxim Integrated Produc...
MAX9768 MAXIM-MAX9768_V01 Datasheet
1Mb / 23P
10W Mono Class D Speaker Amplifier with Volume Control
19-0854; Rev 5; 11/20
MAX9744 MAXIM-MAX9744_V01 Datasheet
603Kb / 28P
20W Stereo Class D Speaker Amplifier with Volume Control
19-4078; Rev 1; 9/08
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com