Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF1937K Datasheet (PDF) - Alfa-MOS Technology Corporation

AF1937K Datasheet PDF - Alfa-MOS Technology Corporation
Part # AF1937K
Download  AF1937K Download
File Size   348.74 Kbytes
Page   5 Pages
Manufacturer  ALFA-MOS [Alfa-MOS Technology Corporation]
Direct Link  http://www.alfa-mos.com/
Logo ALFA-MOS - Alfa-MOS Technology Corporation
Description 30V White LED Step UP Converter

AF1937K Datasheet (PDF)

Go To PDF Page Download Datasheet
AF1937K Datasheet PDF - Alfa-MOS Technology Corporation

Part # AF1937K
Download  AF1937K Click to download

File Size   348.74 Kbytes
Page   5 Pages
Manufacturer  ALFA-MOS [Alfa-MOS Technology Corporation]
Direct Link  http://www.alfa-mos.com/
Logo ALFA-MOS - Alfa-MOS Technology Corporation
Description 30V White LED Step UP Converter

AF1937K Datasheet (HTML) - Alfa-MOS Technology Corporation


AF1937K Product details

General Description
The AF1937K is a step-up DC/DC converter
specifically designed to drive white LEDs with a
constant current. The device can drive up to 27
LEDs from a 5V supply. Additional feature include
output voltage limiting when LEDs are
disconnected.

Features
 Inherently Matched LED Current
 Drives Up to 27 LEDs from a 5V Supply
 36V Rugged Bipolar Switch
 Fast 1.2MHz Switching Frequency
 VOUT(MAX)=30V

Application
Battery Power Equipment
Notebook Computers
PDA
Cellular Phone
Digital Cameras
MP3 Players
 GPS Receivers




Similar Part No. - AF1937K

ManufacturerPart #DatasheetDescription
logo
ABB
AF190 ABB-AF190 Datasheet
61Kb / 1P
Terminal enlargements
AF190-30-11-11 ABB-AF190-30-11-11 Datasheet
52Kb / 3P
AF190-30-11-11 Contactor
AF190-30-11-13 ABB-AF190-30-11-13 Datasheet
52Kb / 3P
AF190-30-11-13 Contactor
AF190-30-11-14 ABB-AF190-30-11-14 Datasheet
52Kb / 3P
AF190-30-11-14 Contactor
logo
3M Electronics
AF191 3M-AF191 Datasheet
140Kb / 12P
3M Scotch-WeldTM Structural Adhesive Film
More results


Similar Description - AF1937K

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com