Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0105 Datasheet (PDF) - Proto Advantage SMD Adapter

PA0105 Datasheet PDF - Proto Advantage SMD Adapter
Part # PA0105
Download  PA0105 Download
File Size   49.27 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description PLCC-20/JLCC-20/LCC-20 to DIP-20 SMT Adapter (1.27 mm pitch, 10 x 10 mm body)

PA0105 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA0105 Datasheet PDF - Proto Advantage SMD Adapter

Part # PA0105
Download  PA0105 Click to download

File Size   49.27 Kbytes
Page   2 Pages
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter
Description PLCC-20/JLCC-20/LCC-20 to DIP-20 SMT Adapter (1.27 mm pitch, 10 x 10 mm body)

PA0105 Datasheet (HTML) - Proto Advantage SMD Adapter




Similar Part No. - PA0105

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0105-S PROTOADVANTAGE-PA0105-S Datasheet
42Kb / 1P
PLCC-20/JLCC-20/LCC-20 Stencil (1.27 mm pitch, 10 x 10 mm body)
revision 1.0
logo
Norgren Ltd
PA0105015 NORGREN-PA0105015 Datasheet
385Kb / 20P
Tubing & Hose Metric
11/97
PA0105025 NORGREN-PA0105025 Datasheet
80Kb / 5P
Tubing & Hose Metric
01/98
logo
Proto Advantage SMD Ada...
PA0105C PROTOADVANTAGE-PA0105C Datasheet
199Kb / 2P
PLCC-20/JLCC-20/LCC-20 to DIP-20 SMT Adapter (1.27 mm pitch, 10 x 10 mm body) Compact Series
revision 1.0
More results


Similar Description - PA0105

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PLCC20 STMICROELECTRONICS-PLCC20 Datasheet
31Kb / 2P
PLCC 20
Feb-1998
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
5 X 20 mm FERRULE FUSES
logo
EPCOS
B66311 EPCOS-B66311 Datasheet
139Kb / 7P
E 20/10/6 (EF 20) Core
logo
NXP Semiconductors
SOT486-1 NXP-SOT486-1 Datasheet
242Kb / 1P
plastic low profile quad flat package; 144 leads; body 20 x 20 x 1.4 mm
2008
logo
OptoDiode Corp
UVG20C OPTODIODE-UVG20C Datasheet
245Kb / 2P
PHOTODIODE 20 mm
logo
List of Unclassifed Man...
AFB0912HD ETC2-AFB0912HD Datasheet
122Kb / 1P
92 x 92 x 20 MM SERIES
AFB0512VHD ETC2-AFB0512VHD Datasheet
169Kb / 1P
50 x 50 x 20 MM SERIES
logo
Eaton All Rights Reserv...
HBH EATON-HBH Datasheet
396Kb / 2P
5 mm x 20 mm fuse holders
logo
Delta Electronics, Inc.
AFB0605LD DELTA-AFB0605LD Datasheet
389Kb / 2P
60 x 60 x 20 MM SERIES
logo
FIBOX Enclosing innovat...
5070727 FIBOX-5070727 Datasheet
45Kb / 1P
Spacer 20 mm
31.07.2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com