Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDC02P15Z Datasheet (PDF) - Potens Semiconductor Corp.

PDC02P15Z Datasheet PDF - Potens Semiconductor Corp.
Part # PDC02P15Z
Download  PDC02P15Z Download
File Size   965.99 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 150V P-Channel MOSFETs

PDC02P15Z Datasheet (PDF)

Go To PDF Page Download Datasheet
PDC02P15Z Datasheet PDF - Potens Semiconductor Corp.

Part # PDC02P15Z
Download  PDC02P15Z Click to download

File Size   965.99 Kbytes
Page   6 Pages
Manufacturer  POTENS [Potens Semiconductor Corp.]
Direct Link  http://potens-semi.com/en/
Logo POTENS - Potens Semiconductor Corp.
Description 150V P-Channel MOSFETs

PDC02P15Z Datasheet (HTML) - Potens Semiconductor Corp.


PDC02P15Z Product details

 1 5 0 V 2 A , RDS(ON) 7 8 0 m Ω@VGS = 10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
 Green Device Available
Features
Applications
 Networking
 Load Switch
 LED applications




Similar Part No. - PDC02P15Z

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDC020-FD15A12S BOURNS-PDC020-FD15A12S Datasheet
1Mb / 7P
PDC-FD Series – DC to DC Transformers
10/23
PDC023-EP13A05S BOURNS-PDC023-EP13A05S Datasheet
1Mb / 6P
PDC-EP, PDC-EF & PDC-RM Series - DC to DC Transformers
10/23
PDC025-FD20A05S BOURNS-PDC025-FD20A05S Datasheet
1Mb / 7P
PDC-FD Series – DC to DC Transformers
10/23
PDC025-FD20A12S BOURNS-PDC025-FD20A12S Datasheet
1Mb / 7P
PDC-FD Series – DC to DC Transformers
10/23
logo
Potens Semiconductor Co...
PDC02N15V POTENS-PDC02N15V Datasheet
1,015Kb / 6P
150V Dual N-Channel MOSFETs
Ver.1.01
More results


Similar Description - PDC02P15Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA36P15 FAIRCHILD-FQA36P15 Datasheet
658Kb / 8P
150V P-Channel MOSFET
FQA36P15 FAIRCHILD-FQA36P15_07 Datasheet
869Kb / 9P
150V P-Channel MOSFET
logo
First Silicon Co., Ltd
FTK02P15S FS-FTK02P15S Datasheet
689Kb / 5P
-150V P-Channel MOSFETs
FTK04N15 FS-FTK04N15 Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15D FS-FTK30N15D Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15DFN56 FS-FTK30N15DFN56 Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK30N15P FS-FTK30N15P Datasheet
1Mb / 5P
150V N-Channel MOSFETs
FTK80N15P FS-FTK80N15P Datasheet
929Kb / 5P
150V N-Channel MOSFETs
logo
FETek Technology Corp.
FKBB02P15 FETEK-FKBB02P15 Datasheet
555Kb / 5P
P-Ch 150V Fast Switching MOSFETs
Ver : B
FKS01P15 FETEK-FKS01P15 Datasheet
488Kb / 4P
P-Ch 150V Fast Switching MOSFETs
Ver : A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com