Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVLIOL4LSV1 Datasheet (PDF) - STMicroelectronics

EVLIOL4LSV1 Datasheet PDF - STMicroelectronics
Part # EVLIOL4LSV1
Download  EVLIOL4LSV1 Download
File Size   1470.71 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IO-Link actuator for industrial tower light based on L6364Q and IPS4260L

EVLIOL4LSV1 Datasheet (PDF)

Go To PDF Page Download Datasheet
EVLIOL4LSV1 Datasheet PDF - STMicroelectronics

Part # EVLIOL4LSV1
Download  EVLIOL4LSV1 Click to download

File Size   1470.71 Kbytes
Page   5 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description IO-Link actuator for industrial tower light based on L6364Q and IPS4260L

EVLIOL4LSV1 Datasheet (HTML) - STMicroelectronics


EVLIOL4LSV1 Product details

Features
• IO-Link Class-A interface based on the L6364Q dual channel IO-Link device transceiver
• IO-Link mini-stack running on the STM32G071CBT6
• 4 low-side output channels based on the IPS4260L (intelligent low-side power switch)
• Supply current for external load 1A/Ch (max. total current 2 A)
• 4 buttons used as digital input channel
• Operating voltage from 18 V to 30 V DC
• TVS protects the device from surge based on the SMBJ30CA
• M12 4-pin connector to satisfy the IO-Link spec and industrial needs.

Applications
• Factory automation

Description
The EVLIOL4LSV1 is an IO-Link actuator for traditional tower lights used in factory automation and system alarm indicator applications: it is a turnkey solution that can be used as a reference design ready for industrialization.
With IO-Link, the EVLIOL4LSV1 becomes an actuator for smart tower lights. It can also be used as a funnel material indicator for material quantity or urgency level.
The EVLIOL4LSV1 is designed with the L6364 as the IO-Link device transceiver, the low power STM32G071CB MCU, and the IPS4260L as the low-side driver for industrial loads. A dedicated SWD 5-pin connector is used for MCU programming.
With the use of an IPS4260L quad low-side switch, the solution can drive an external low-side load, such as a tower light, valve, or pump. It can diagnose whether the LED is working or not using the open load detect function of the IPS4260L.
This EVLIOL4LSV1 works with an IO-Link master board and control tool GUI software with the correspondent IODD file.




Similar Part No. - EVLIOL4LSV1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVL-HFAA01B24 PANASONIC-EVL-HFAA01B24 Datasheet
223Kb / 3P
Compact Thumb-wheel Driving Rotary Po ten ti om e ters
EVL-HFKA05B54 PANASONIC-EVL-HFKA05B54 Datasheet
223Kb / 3P
Compact Thumb-wheel Driving Rotary Po ten ti om e ters
logo
STMicroelectronics
EVL185W-LEDTV STMICROELECTRONICS-EVL185W-LEDTV Datasheet
121Kb / 5P
RoHS compliant
04-Apr-2011
logo
Analog Devices
EVL1HMC1114LP5D AD-EVL1HMC1114LP5D Datasheet
483Kb / 16P
High output IP3: 44 dBm typical
Rev. 0
logo
Monolithic Power System...
EVL2491N-QB-00A MPS-EVL2491N-QB-00A Datasheet
731Kb / 9P
32V, 6A, High-Efficiency, Synchronous Step-Down Converter Evaluation Board
9/8/2022 Rev. 1.0
More results


Similar Description - EVLIOL4LSV1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-TLM-AUD-02 ETC2-LED-TLM-AUD-02 Datasheet
1Mb / 1P
Industrial LED-TLM Eco Tower Light
logo
STMicroelectronics
STEVAL-IDP003V1 STMICROELECTRONICS-STEVAL-IDP003V1 Datasheet
402Kb / 10P
IO-Link industrial modular sensor board based on L6362A
25-Oct-2017
STEVAL-IDP004V1 STMICROELECTRONICS-STEVAL-IDP004V1 Datasheet
466Kb / 12P
IO-Link master multi-port evaluation board based on L6360
05-Jul-2017
logo
M-System Co.,Ltd.
IT60RC MSYSTEM-IT60RC Datasheet
229Kb / 5P
CC-Link TOWER LIGHT
IT50SRC MSYSTEM-IT50SRC Datasheet
203Kb / 5P
CC-Link TOWER LIGHT
IT40SRC MSYSTEM-IT40SRC Datasheet
200Kb / 5P
CC-Link TOWER LIGHT
logo
Maxim Integrated Produc...
MAXREFDES177 MAXIM-MAXREFDES177 Datasheet
1,017Kb / 17P
IO Link Universal Analog IO
REFD5819 MAXIM-REFD5819 Datasheet
998Kb / 11P
Santa Cruz (MAXREFDES23#): IO-Link Light Sensor
Feb 14, 2014
logo
STMicroelectronics
STEVAL-IOD04KT1 STMICROELECTRONICS-STEVAL-IOD04KT1 Datasheet
2Mb / 10P
Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
December 2021
X-NUCLEO-IOD02A1 STMICROELECTRONICS-X-NUCLEO-IOD02A1 Datasheet
3Mb / 6P
Dual channel IO-Link device expansion board based on L6364Q for STM32 Nucleo
01-Sep-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com