Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX13331 Datasheet (PDF) - Analog Devices

MAX13331 Datasheet PDF - Analog Devices
Part # MAX13331
Download  MAX13331 Download
File Size   1075.2 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics

MAX13331 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX13331 Datasheet PDF - Analog Devices

Part # MAX13331
Download  MAX13331 Click to download

File Size   1075.2 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics

MAX13331 Datasheet (HTML) - Analog Devices


MAX13331 Product details

Features
●● 4V to 5.5V Single-Supply Operation
●● 2MHz Charge Pump Prevents AM Radio Interference
●● Ground-Referenced Outputs Eliminate Bulky DCBlocking
Capacitors
●● Short-to-Ground and Battery (VBAT up to +45V)
Output Protection, Load Dump Protection
●● Short-Circuit Diagnostic Output
●● Adjustable Gain (MAX13331) or Fixed -1.5V/V Gain
(MAX13330)
●● 125mW per Channel into 32Ω at 0.01% THD+N
●● Integrated Click-and-Pop Suppression
●● High PSRR Eliminates LDO
●● No Degradation of Low-Frequency Response Due
to Output Capacitors
●● ±15kV Human Body Model ESD Protection for
Output Pins




Similar Part No. - MAX13331

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13331 MAXIM-MAX13331 Datasheet
248Kb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX13331 MAXIM-MAX13331 Datasheet
382Kb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
MAX13331 MAXIM-MAX13331 Datasheet
134Kb / 7P
Low-Profile (1.2mm, max) Design
Rev 1; 4/09
MAX13331EVKIT MAXIM-MAX13331EVKIT Datasheet
134Kb / 7P
Low-Profile (1.2mm, max) Design
Rev 1; 4/09
MAX13331EVKIT+ MAXIM-MAX13331EVKIT+ Datasheet
134Kb / 7P
Low-Profile (1.2mm, max) Design
Rev 1; 4/09
More results


Similar Description - MAX13331

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX13330 MAXIM-MAX13330 Datasheet
248Kb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 0; 10/08
MAX13330 MAXIM-MAX13330_09 Datasheet
382Kb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 1; 4/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX13330 MAXIM-MAX13330_11 Datasheet
393Kb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
Rev 3; 7/11
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9756 MAXIM-MAX9756 Datasheet
790Kb / 31P
2.3W Stereo Speaker Amplifiers and DirectDrive Headphone Amplifiers with Automatic Level Control
19-3782; Rev 1; 1/06
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
MAX13330 MAXIM-MAX13330_V01 Datasheet
1Mb / 15P
Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
19-4341; Rev 5; 3/21
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com