Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX13331 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX13331
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX13331 Datasheet(HTML) 2 Page - Analog Devices

  MAX13331 Datasheet HTML 1Page - Analog Devices MAX13331 Datasheet HTML 2Page - Analog Devices MAX13331 Datasheet HTML 3Page - Analog Devices MAX13331 Datasheet HTML 4Page - Analog Devices MAX13331 Datasheet HTML 5Page - Analog Devices MAX13331 Datasheet HTML 6Page - Analog Devices MAX13331 Datasheet HTML 7Page - Analog Devices MAX13331 Datasheet HTML 8Page - Analog Devices MAX13331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
VDD, CPVDD to SGND ...........................................-0.3V to +6V
VSS, CPVSS to SGND............................................+0.3V to -6V
VDD to CPVDD.....................................................-0.3V to +0.3V
VSS to CPVSS......................................................-0.3V to +0.3V
SHDN, DIAG to SGND............................. -0.3V to (VDD + 0.3V)
OUT_ to PGND ...................................(VCPVSS - 0.3V) to +45V
IN_ to SGND (MAX13330) ............(VSS - 0.3V) to (VDD + 0.3V)
IN_ to SGND (MAX13331) ....................... -0.3V to (VDD + 0.3V)
C1P to PGND.....................................-0.3V to (VCPVDD + 0.3V)
C1N to PGND............................................(VSS - 0.3V) to +0.3V
Output Short-Circuit Duration....................................Continuous
Continuous Power Dissipation (TA = +70°C)
QSOP (derate 9.6mW/°C above +70°C)).................771.5mW
Operating Temperature Range......................... -40°C to +105°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
(Note 1)
(VDD = VCPVDD = +5V, VSGND = VPGND = 0V, SHDN = VDD, C1 = C2 = 1μF, RL = ∞, resistive load referenced to ground, for
MAX13330 gain = -1.5V/V (internally set), for MAX13331 gain = -1.5V/V (RIN = 30kΩ, RFB = 45kΩ), TA = TJ = -40°C to +105°C, unless
otherwise noted. Typical values are at TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Amplifier Supply Voltage Range
VDD
4.0
5.5
V
Charge-Pump Supply Voltage
Range
VCPVDD
4.0
5.5
V
Charge-Pump Output Voltage
VCPVSS
-VDD
V
Quiescent Supply Current
IDD
RL = ∞
10
mA
Shutdown Supply Current
ISHDN
10
µA
SHDN Input-Logic High
VIH
2
V
SHDN Input-Logic Low
VIL
0.8
V
SHDN Input Leakage Current
-1
+1
µA
SHDN to Full Operation Time
tSON
100
µs
DIAGNOSTICS
Diagnostic Output Voltage
VDIAG
RDIAG = ∞,
TA = +25°C
No fault
0.02 x
VDD
V
OUTR short to
SGND
0.22 x
VDD
0.25 x
VDD
0.28 x
VDD
OUTL short to
SGND
0.47 x
VDD
0.50 x
VDD
0.53 x
VDD
OUTR short to
VBAT
0.72 x
VDD
0.75 x
VDD
0.78 x
VDD
OUTL short to
VBAT
0.97 x
VDD
MAX13330/MAX13331
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics
QSOP
Junction-to-Ambient Thermal Resistance (θJA) .....103.7°C/W
Junction-to-Case Thermal Resistance (θJC)...............37°C/W
Note 1: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
Package Thermal Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com