Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX13331 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX13331
Description  Automotive DirectDrive Headphone Amplifiers with Output Protection and Diagnostics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX13331 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX13331 Datasheet HTML 7Page - Analog Devices MAX13331 Datasheet HTML 8Page - Analog Devices MAX13331 Datasheet HTML 9Page - Analog Devices MAX13331 Datasheet HTML 10Page - Analog Devices MAX13331 Datasheet HTML 11Page - Analog Devices MAX13331 Datasheet HTML 12Page - Analog Devices MAX13331 Datasheet HTML 13Page - Analog Devices MAX13331 Datasheet HTML 14Page - Analog Devices MAX13331 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MAX13330/MAX13331
Automotive DirectDrive Headphone Amplifiers
with Output Protection and Diagnostics
www.maximintegrated.com
Maxim Integrated │ 13
Typical Application Circuits
CPVSS
VSS
C1P
DIAG
OUTR
C2
1µF
C1
1µF
C1N
CLICK-AND-POP
SUPPRESSION
VDD
VSS
45kΩ
45kΩ
30kΩ
0.33µF
UVLO/
SHUTDOWN
CONTROL
CHARGE
PUMP
OUTL
CPVDD
VDD
INR
SHDN
INL
PGND
SGND
RIGHT CHANNEL
AUDIO IN
LEFT CHANNEL
AUDIO IN
4V TO 5.5V
C3
1µF
10nF
1nF
CPVSS
ESD PROTECTION
DIODES
1nF
MAX13330
VDD
VSS
30kΩ
0.33µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com