Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9921 Datasheet (PDF) - Analog Devices

MAX9921 Datasheet PDF - Analog Devices
Part # MAX9921
Download  MAX9921 Download
File Size   745.6 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics

MAX9921 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9921 Datasheet PDF - Analog Devices

Part # MAX9921
Download  MAX9921 Click to download

File Size   745.6 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics

MAX9921 Datasheet (HTML) - Analog Devices


MAX9921 Product details

Features
 Withstands 60V at BAT Supply and Hall Inputs
 6V to 18V Operating Voltage Range
 Provides Supply Current and Interfaces to Two
2-Wire Hall Sensors
 Error Output with Diagnostics of Hall Inputs and
BAT Voltage
 Protects Hall Sensors from Overvoltage by
Isolating Them from Supply Transients
 Hall Inputs Protected from Short to Ground
 Ramps Current to Hall Sensors at 4mA/μs
 Output Enable Input Allows Multiplexing of
Outputs from Multiple MAX9921s
 Hall Output Filtering
 Hall Sensor Blanking Following Hall Sensor
Power-Up or Restart
 Low-Power Shutdown, Controlled with OE and
DIAG Inputs
 Operates with ±2V Ground Shifts Between Hall
Sensor and MAX9921




Similar Part No. - MAX9921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9921 MAXIM-MAX9921 Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
MAX9921 MAXIM-MAX9921 Datasheet
167Kb / 6P
Proven PCB Layout
Rev 0; 6/08
MAX9921AUB+T MAXIM-MAX9921AUB+T Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
MAX9921AUB/V+T MAXIM-MAX9921AUB/V+T Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
MAX9921EVKIT MAXIM-MAX9921EVKIT Datasheet
167Kb / 6P
Proven PCB Layout
Rev 0; 6/08
More results


Similar Description - MAX9921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9621 MAXIM-MAX9621 Datasheet
2Mb / 14P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 0; 11/09
MAX9921 MAXIM-MAX9921 Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
MAX9621 MAXIM-MAX9621_11 Datasheet
2Mb / 15P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
Rev 1; 9/11
logo
Allegro MicroSystems
A1130 ALLEGRO-A1130 Datasheet
980Kb / 24P
Two-Wire Unipolar Vertical Hall-Effect Switches with Advanced Diagnostics
APS11450 ALLEGRO-APS11450 Datasheet
1Mb / 24P
Three-Wire Hall-Effect Switch with Advanced Diagnostics
APS12450 ALLEGRO-APS12450 Datasheet
1Mb / 23P
Three-Wire Hall-Effect Latch with Advanced Diagnostics
logo
Texas Instruments
TMAG5124 TI1-TMAG5124 Datasheet
731Kb / 24P
TMAG5124 Hall Effect Switch With 2-Wire Interface
logo
Allegro MicroSystems
APS11800 ALLEGRO-APS11800 Datasheet
1Mb / 19P
Two-Wire Hall-Effect Switch with Advanced Diagnostics
March 24, 2020
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
logo
Maxim Integrated Produc...
MAX9621 MAXIM-MAX9621_V01 Datasheet
1Mb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Analog and Digital Outputs
19-5024; Rev 2; 2/20
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com