Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9921 Datasheet(PDF) 3 Page - Analog Devices

Part # MAX9921
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9921 Datasheet(HTML) 3 Page - Analog Devices

  MAX9921 Datasheet HTML 1Page - Analog Devices MAX9921 Datasheet HTML 2Page - Analog Devices MAX9921 Datasheet HTML 3Page - Analog Devices MAX9921 Datasheet HTML 4Page - Analog Devices MAX9921 Datasheet HTML 5Page - Analog Devices MAX9921 Datasheet HTML 6Page - Analog Devices MAX9921 Datasheet HTML 7Page - Analog Devices MAX9921 Datasheet HTML 8Page - Analog Devices MAX9921 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface
with Diagnostics
_______________________________________________________________________________________
3
Note 1: All DC specifications are 100% tested at TA = +25°C. AC specifications and specifications over -40°C to +125°C are guar-
anteed by design.
Note 2: CL is external load capacitance on the outputs for test only.
Note 3: These blanking times apply when the MAX9921 is operating in normal mode. Blanking times following power-up or startup
from shutdown mode are 20µs longer.
Note 4: The following AC parameters change with the value of RISET: tBL, tRAMP, tDEL, fMAX, and PR. The typ values given are for
RISET = 63.4kΩ. The parameters tRAMP and fMAX increase 8%, and tDEL and PR decrease 8% with RISET = 59.0kΩ. The lim-
its for tBL and fMAX apply for both resistor values.
AC TIMING CHARACTERISTICS
(VBAT = 13.6V, VDIAG = 0, VOE = 5V, IN1 = IN2 = no connection, RISET = 63.4kΩ, RPU = 10kΩ at ERR, OUT1 and OUT2, TA = -40°C
to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Notes 1, 2, and 4)
DC ELECTRICAL CHARACTERISTICS (continued)
(VBAT = 13.6V, VDIAG = 0, VOE = 5V, IN1 = IN2 = no connection, RISET = 63.4kΩ, RPU = 10kΩ at ERR, OUT1 and OUT2, TA = -40°C
to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IN1, IN2 Blanking Time at Hall
Switch Power-Up
tBL
IIH = -11.5mA to GND, time from VIN_ =
500mV until OUT_ high, CL = 20pF (Note 3)
50
140
µs
IN1, IN2 Current Ramp Rate
After Turn-On
tRAMP
VIN = GND
3.8
mA/µs
Delay from IN_ to OUT_ (Filter
Delay)
tDEL
From IIH to IIL or from IIL to IIH, CL = 20pF,
Figure 1
6.5
µs
Delay from IN_ Fault to ERR
tERR
From IIL to ISC or from IIH to IOC, falling edge
only, CL = 20pF, Figure 1
31
ns
Delay from DIAG High to
OUT_ and ERR
tDLH
Rising edge of DIAG to falling or rising edge
of outputs, CL = 20pF, Figure 1
350
ns
Delay from DIAG Low to OUT_
and ERR
tDHL
Falling edge of DIAG to falling or rising edge
of outputs, CL = 20pF, Figure 1
1.6
µs
Delay Difference Between
Rising and Falling Edges for
Both Channels
tDM
CHALL-BYPASS = 0.01µF, IIH = -11.5mA and
IIL = -7.2mA, CL = 20pF
20
ns
Delay Difference Between
Channels
tCC
CHALL-BYPASS = 0.01µF, IIH = -11.5mA and
IIL = -7.2mA, CL = 20pF
100
ns
Maximum Frequency on Hall
Inputs
fMAX
CHALL-BYPASS = 0.01µF, IIH = -11.5mA and
IIL = -7.2mA, CL = 20pF
50
kHz
IN_ Pulse Length Rejected by
Filter to OUT_
PR
Figure 2
5.5
µs
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC I/O (OUT1, OUT2,
ERR, DIAG, and OE)
Output Voltage Low (ERR, OUT1,
OUT2)
VOL
Sink current = 1mA
0.4
V
Three-State Output Current (ERR,
OUT1, OUT2)
IOZ
VOE = 0V, 0
≤ VOUT_ ≤ 5V
±1
µA
Input-Voltage High (DIAG, OE)
VIH
2.1
V
Input-Voltage Low (DIAG, OE)
VIL
0.8
V
Input Resistance to GND (DIAG, OE)
RIN
50
80
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com