Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9921 Datasheet(PDF) 13 Page - Analog Devices

Part # MAX9921
Description  Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX9921 Datasheet(HTML) 13 Page - Analog Devices

Back Button MAX9921 Datasheet HTML 8Page - Analog Devices MAX9921 Datasheet HTML 9Page - Analog Devices MAX9921 Datasheet HTML 10Page - Analog Devices MAX9921 Datasheet HTML 11Page - Analog Devices MAX9921 Datasheet HTML 12Page - Analog Devices MAX9921 Datasheet HTML 13Page - Analog Devices MAX9921 Datasheet HTML 14Page - Analog Devices MAX9921 Datasheet HTML 15Page - Analog Devices MAX9921 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Dual, 2-Wire Hall-Effect Sensor Interface
with Diagnostics
______________________________________________________________________________________
13
14V
VIN_
IIN_
0V
VBAT - 500mV
8V
4mA/
µs
11.5mA
0A
TIME
TIME
HALL INPUT
RECONNECTED
TO HALL SENSOR
Figure 5. Hall Input Re-Energized When Open Input is Reconnected to Hall Sensor
MAX9921 ACTIONS
FAULT
DESCRIPTION
CRITERION
ERR
OUTPUT
HALL INPUT RESPONSE
COMMENT/RECOVERY
VBAT < 6V
—
Asserted low
Shutoff current to both Hall
sensors
Both IN1 and IN2 are restarted with blanking
cycle when VBAT returns to proper range.
VBAT > 18V
—
Asserted low
Shutoff current to both Hall
sensors
Both IN1 and IN2 are restarted with blanking
cycle when VBAT returns to proper range.
Hall input open
IIN < 2mA
Asserted low
Shutoff current to
corresponding Hall sensor
When a Hall input is again loaded, terminating
open input condition, the Hall input are restarted
with blanking cycle.
Hall input shorted
to battery
VIN > VBAT due
to external
reverse-battery
protection
diode
Asserted low
Shutoff current to
corresponding Hall sensor
If a Hall input is pulled more than 1V above
VBAT, the input may back drive current into the
BAT supply and pull VBAT up with it. In this
condition, current levels in the Hall inputs should
never exceed 100mA. For this reason, it is
recommended that one or more MAX9921s be
powered together and share a reverse-polarity
diode separate from other circuitry.
Hall input shorted
to ground
IIN > 23mA
Asserted low
Shutoff current to
corresponding Hall sensor.
50µA of pullup current is
sourced to IN1 or IN2 to
aid in troubleshooting.
A falling edge at DIAG initiates a restart with a
blanking cycle of any Hall input that has been
shut off due to a short to ground. See the Hall
Input Short-to-Ground section.
Table 3. Summary of Fault Protection and Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com