Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9928 Datasheet (PDF) - Analog Devices

MAX9928 Datasheet PDF - Analog Devices
Part # MAX9928
Download  MAX9928 Download
File Size   1474.82 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers

MAX9928 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9928 Datasheet PDF - Analog Devices

Part # MAX9928
Download  MAX9928 Click to download

File Size   1474.82 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers

MAX9928 Datasheet (HTML) - Analog Devices


MAX9928 Product details

Features
●● Wide -0.1V to +28V Common-Mode Range,
Independent of Supply Voltage
●● 2.5V to 5.5V Operating Supply Voltage
●● 20μA Quiescent Supply Current
●● 0.4mV (max) Input Offset Voltage
●● Gain Accuracy Better than 1% (max)
●● SIGN Output Indicates Current Polarity
●● Transconductance and Gain Versions Available
• 5μA/mV (MAX9928F)
• 50V/V (MAX9929F)
●● Pin Compatible with the MAX4372 in UCSP
●● Available in Ultra-Small, 3x2 UCSP
(1mm x 1.5mm) and 8-Pin μMAX Packages




Similar Part No. - MAX9928

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9928 MAXIM-MAX9928 Datasheet
253Kb / 14P
-0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9928 MAXIM-MAX9928 Datasheet
108Kb / 4P
Fully Assembled and Tested
Rev 0; 12/08
MAX9928EVKIT MAXIM-MAX9928EVKIT Datasheet
108Kb / 4P
Fully Assembled and Tested
Rev 0; 12/08
MAX9928EVKIT+ MAXIM-MAX9928EVKIT+ Datasheet
108Kb / 4P
Fully Assembled and Tested
Rev 0; 12/08
MAX9928F MAXIM-MAX9928F Datasheet
261Kb / 14P
-0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 4/12
More results


Similar Description - MAX9928

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9928 MAXIM-MAX9928_11 Datasheet
253Kb / 14P
-0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 4/11
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9918_1107 MAXIM-MAX9918_1107 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
Micropower, Rail-to-Rail Input Current Sense Amplifier
July 1, 2011
logo
Maxim Integrated Produc...
MAX9928F MAXIM-MAX9928F_12 Datasheet
261Kb / 14P
-0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 4/12
MAX40002EVKIT MAXIM-MAX40002EVKIT Datasheet
632Kb / 6P
0.1V to 5.5V Input Voltage Range
Rev 1; 2/20
MAX9918 MAXIM-MAX9918_V01 Datasheet
1Mb / 19P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
MAX9928 MAXIM-MAX9928_V01 Datasheet
1Mb / 13P
-0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com