Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9928 Datasheet (PDF) - Maxim Integrated Products

MAX9928 Datasheet PDF - Maxim Integrated Products
Part # MAX9928
Download  MAX9928 Download
File Size   253.5 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers

MAX9928 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9928 Datasheet PDF - Maxim Integrated Products

Part # MAX9928
Download  MAX9928 Click to download

File Size   253.5 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description -0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers

MAX9928 Datasheet (HTML) - Maxim Integrated Products


MAX9928 Product details

General Description

The MAX9928/MAX9929 low-cost, uni-/bidirectional, high-side, current-sense amplifiers are ideal for monitoring battery charge and discharge currents in notebooks, cell phones, and other portable equipment. These devices feature a wide -0.1V to +28V input common-mode voltage range, low 20µA supply current with VOS less than 0.4mV, and a gain accuracy better than 1.0%. The input common-mode range is independent of the supply voltage, ensuring that the current-sense information remains accurate even when the measurement rail is shorted to ground.

The MAX9928F features a current output with a transconductance ratio of 5µA/mV. An external resistor converts the output current to a voltage, allowing adjustable gain so that the input sense voltage can be matched to the maximum ADC input swing. The MAX9929F has a voltage output and integrates a 10kΩ output resistor for a fixed voltage gain of 50V/V.

A digital SIGN output indicates direction of current flow, so the user can utilize the full ADC input range for measuring both charging and discharging currents.



Features

♦ Wide -0.1V to +28V Common-Mode Range, Independent of Supply Voltage

♦ 2.5V to 5.5V Operating Supply Voltage

♦ 20µA Quiescent Supply Current

♦ 0.4mV (max) Input Offset Voltage

♦ Gain Accuracy Better than 1% (max)

♦ SIGN Output Indicates Current Polarity

♦ Transconductance and Gain Versions Available

   5µA/mV (MAX9928F)

   50V/V (MAX9929F)

♦ Pin Compatible with the MAX4372 in UCSP

♦ Available in Ultra-Small, 3x2 UCSP (1mm x 1.5mm) and 8-Pin µMAX Packages



Applications

  Monitoring Charge/Discharge Currents in Portable/Battery-Powered Systems

  Notebook Computers

  General-System/Board-Level Current Monitoring

  Smart-Battery Packs/Chargers

  Precision Current Sources

  Smart Cell Phones

  Super Capacitor Charge/Discharge



 




Similar Part No. - MAX9928

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9928 MAXIM-MAX9928 Datasheet
108Kb / 4P
Fully Assembled and Tested
Rev 0; 12/08
logo
Analog Devices
MAX9928 AD-MAX9928 Datasheet
1Mb / 13P
-0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4 9/14
logo
Maxim Integrated Produc...
MAX9928EVKIT MAXIM-MAX9928EVKIT Datasheet
108Kb / 4P
Fully Assembled and Tested
Rev 0; 12/08
MAX9928EVKIT+ MAXIM-MAX9928EVKIT+ Datasheet
108Kb / 4P
Fully Assembled and Tested
Rev 0; 12/08
MAX9928F MAXIM-MAX9928F Datasheet
261Kb / 14P
-0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 4/12
More results


Similar Description - MAX9928

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
MAX9918_1107 MAXIM-MAX9918_1107 Datasheet
2Mb / 18P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 4; 7/11
logo
Intersil Corporation
ISL28005 INTERSIL-ISL28005_11 Datasheet
857Kb / 14P
Micropower, Rail-to-Rail Input Current Sense Amplifier
July 1, 2011
logo
Maxim Integrated Produc...
MAX9928F MAXIM-MAX9928F_12 Datasheet
261Kb / 14P
-0.1V to 28V Input Range, Micropower Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 4/12
MAX40002EVKIT MAXIM-MAX40002EVKIT Datasheet
632Kb / 6P
0.1V to 5.5V Input Voltage Range
Rev 1; 2/20
MAX40204EVKIT MAXIM-MAX40204EVKIT Datasheet
396Kb / 6P
Wide -0.1V to 36V Input Range Common Mode Range
319-100615; Rev 0; 10/20
MAX9918 MAXIM-MAX9918_V01 Datasheet
1Mb / 19P
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
2019
MAX9928 MAXIM-MAX9928_V01 Datasheet
1Mb / 13P
-0.1V to 28V Input Range, Micropower, Uni-/Bidirectional, Current-Sense Amplifiers
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com