Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IOLA2US-01101 Datasheet (PDF) - SICK AG

IOLA2US-01101 Datasheet PDF - SICK AG
Part # IOLA2US-01101
Download  IOLA2US-01101 Download
File Size   1349.89 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description FORK SENSORS

IOLA2US-01101 Datasheet (PDF)

Go To PDF Page Download Datasheet
IOLA2US-01101 Datasheet PDF - SICK AG

Part # IOLA2US-01101
Download  IOLA2US-01101 Click to download

File Size   1349.89 Kbytes
Page   7 Pages
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG
Description FORK SENSORS

IOLA2US-01101 Datasheet (HTML) - SICK AG


IOLA2US-01101 Product details

Features
Functional principle detail Ultrasonic detection principle
Dimensions (W x H x D) 20 mm x 37.4 mm x 70 mm
Housing design Fork shaped
Fork width 2.6 mm
Fork depth 42.5 mm
Minimum detectable object (MDO)
Label size: 2 mm
Label gap: 1 mm
Label detection ✔
Adjustment Teach-in button, cable (Teach-in, sensitivity, light/dark switching, Teach-in dynamic)
Teach-in mode
1-point teach-in
2-point teach-in
Teach-in dynamic




Similar Part No. - IOLA2US-01101

ManufacturerPart #DatasheetDescription
logo
SICK AG
IOLA2US-01101 SICK-IOLA2US-01101 Datasheet
1Mb / 9P
RFH5xx RFID
2024-05-15 16:42:20
More results


Similar Description - IOLA2US-01101

ManufacturerPart #DatasheetDescription
logo
SICK AG
WFL5-40B41CA00 SICK-WFL5-40B41CA00 Datasheet
1Mb / 8P
FORK SENSORS
WFL5-40B416 SICK-WFL5-40B416 Datasheet
1,001Kb / 8P
FORK SENSORS
WFL5-95B41CA00 SICK-WFL5-95B41CA00 Datasheet
1Mb / 8P
FORK SENSORS
WFL5-95B416 SICK-WFL5-95B416 Datasheet
1,001Kb / 8P
FORK SENSORS
WFL15-40B416 SICK-WFL15-40B416 Datasheet
1,001Kb / 8P
FORK SENSORS
WFL30-60B41CA00 SICK-WFL30-60B41CA00 Datasheet
1Mb / 8P
FORK SENSORS
WFL30-95B41CA00 SICK-WFL30-95B41CA00 Datasheet
1Mb / 8P
FORK SENSORS
UFN3-70B413 SICK-UFN3-70B413 Datasheet
1Mb / 7P
FORK SENSORS
UFN3-70P417 SICK-UFN3-70P417 Datasheet
1Mb / 7P
FORK SENSORS
WFL120-60B41CA00 SICK-WFL120-60B41CA00 Datasheet
1Mb / 8P
FORK SENSORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com