Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IOLA2US-01101 Datasheet(PDF) 5 Page - SICK AG

Part # IOLA2US-01101
Description  FORK SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IOLA2US-01101 Datasheet(HTML) 5 Page - SICK AG

  IOLA2US-01101 Datasheet HTML 1Page - SICK AG IOLA2US-01101 Datasheet HTML 2Page - SICK AG IOLA2US-01101 Datasheet HTML 3Page - SICK AG IOLA2US-01101 Datasheet HTML 4Page - SICK AG IOLA2US-01101 Datasheet HTML 5Page - SICK AG IOLA2US-01101 Datasheet HTML 6Page - SICK AG IOLA2US-01101 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
UFS3-37B417 | UFS
FORK SENSORS
Dimensional drawing (Dimensions in mm (inch))
Dimensional drawing, sensor
70 (2.76)
22.5 (0.89)
4 (0.16)
47 (1.85)
4.2 (0.17)
42.5 (1.67)
11 (0.43)
2
3
1
6.7 (0.26)
20 (0.79)
12 (0.47)
4
24.2 (0.95)
5.9 (0.23)
58 (2.28)
6.5 (0.26)
6
5
①  Fork depth
②  Fork width
③  Fixing hole
④  Detection axis
⑤  Connection
⑥  Display and adjustment elements
Adjustments
Display and adjustment elements
Pwr
Q
Dyn
Stat
3..20s
1..3s
20..30s
L/D
>30s
L
1
2
3
①  LEDs (status display)
②  Teach-in button
③  Bar graph
2024-03-28 09:44:02 | Product data sheet
Subject to change without notice
FORK SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com