Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5424 Datasheet (PDF) - Monolithic Power Systems

MP5424 Datasheet PDF - Monolithic Power Systems
Part # MP5424
Download  MP5424 Download
File Size   1597.79 Kbytes
Page   44 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP

MP5424 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP5424 Datasheet PDF - Monolithic Power Systems

Part # MP5424
Download  MP5424 Click to download

File Size   1597.79 Kbytes
Page   44 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 5V PMIC with Four 4.5A/2.5A/4.5A/2A Buck Converters, 3 LDOs, 1 Load Switch, and Flexible System Settings via I2C and MTP

MP5424 Datasheet (HTML) - Monolithic Power Systems


MP5424 Product details

DESCRIPTION
The MP5424 is a complete power management
solution that integrates four high-efficiency stepdown DC/DC converters, three low-dropout
(LDO) regulators, one load switch, and a flexible
logic interface.
Constant-on-time (COT) control in the DC/DC
converter provides fast transient response. The
1.1MHz default switching frequency (fSW) during
continuous conduction mode (CCM) greatly
reduces the external inductance and
capacitance. Full protection features include
under-voltage lockout (UVLO) protection, overcurrent protection (OCP), over-voltage
protection (OVP), and thermal shutdown.
The output voltage (VOUT) can be adjusted via the
I
2C bus or preset by the multiple-time
programmable (MTP) interface. The startup/shutdown sequence can also be configured
via the MTP and controlled via the I
2C bus.
The MP5424 requires a minimal number of
external components, and is available in a small
QFN-26 (3.5mmx4.5mm) package.

FEATURES
• High-Efficiency Step-Down Converters:
o Buck 1: 4.5A DC/DC Converter
o Buck 2: 2.5A DC/DC Converter
o Buck 3: 4.5A DC/DC Converter
o Buck 4: 2A DC/DC Converter
o Buck 1 and Buck 3 Can Work in Parallel
o Buck 2 and Buck 4 Can Work in Parallel
o 2.7V to 5.5V Operating VIN Range
o Buck 1, Buck 2, and Buck 3 Selectable
VOUT Range: 0.4V to 2.2V/7.4mV Step or
0.4V to 3.58V VOUT/12.5mV Step
o Buck 4 VOUT Range: 0.4V to 3.58V
VOUT/12.5mV Step
o Adjustable Switching Frequency (fSW)
o Adjustable Soft-Start Time (tSS)
o Adjustable Phase Delay
o Configurable Forced PWM (FPWM)
Mode or Auto-PFM/PWM Mode
o Output OCP and OVP
• Low-Dropout (LDO) Regulators:
o Three 300mA, Low-Noise LDOs
o Two Separate Input Power Supplies
o 50mV Dropout at 300mA Load
• Load Switch:
o 2.7V to 5.5V/3A Load Switch
o 50mΩ On Resistance at VIN = 5V
o On/Off Control via the I
2C and
Programmable Sequence
o Configurable Output Discharge Function
via the I
2C (Default: On)
• System:
o I
2C Bus and User-Programmable MTP
o Two-Time Programmable MTP (1)
o Start-Up/Shutdown Control
o Enable Pin (EN1) for Sleep Mode Entry
and Recovery Control
o Start-Up Reset Output
o Flexible Start-Up/Shutdown Sequence
via MTP (0.5ms, 2ms, 8ms, or 16ms
Selectable Time Slot)
o Available in a QFN-26 (3.5mmx4.5mm)
Package

APPLICATIONS
• General Consumer
• Camera Modules
• 3.3V/5V Powered Systems
• Space-Limited Systems




Similar Part No. - MP5424

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5420 MPS-MP5420 Datasheet
470Kb / 10P
High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
MP5420DM MPS-MP5420DM Datasheet
470Kb / 10P
High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
MP5421 MPS-MP5421 Datasheet
480Kb / 12P
High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
MP5421DM MPS-MP5421DM Datasheet
480Kb / 12P
High Speed, Rail-to-Rail Input-Output, and Single-Supply Op Amps
More results


Similar Description - MP5424

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2826 MICREL-MIC2826 Datasheet
819Kb / 27P
Quad Output PMIC with HyperLight Load??DCDC, three LDOs, and I2C Control
MIC2827 MICREL-MIC2827 Datasheet
790Kb / 27P
Triple Output PMIC with HyperLight Load??DCDC, two LDOs, and I2C Control
logo
Dialog Semiconductor
SLG59M1527V DIALOG-SLG59M1527V Datasheet
213Kb / 11P
Dual 4.5A GreenFET 3 Load Switch
SLG59M1526V DIALOG-SLG59M1526V Datasheet
153Kb / 10P
Dual 4.5A GreenFET 3 Load Switch
logo
Renesas Technology Corp
ISL91128 RENESAS-ISL91128 Datasheet
999Kb / 17P
High Efficiency Buck-Boost Regulator with 4.5A Switches and I2C Interface
logo
Shenzhen X-Powers Techn...
AXP152 XPOWER-AXP152 Datasheet
390Kb / 4P
Highly integrated PMIC with 4 DC/DC Buck Converters and 7 LDOs
logo
Dialog Semiconductor
SLG59M1804V DIALOG-SLG59M1804V Datasheet
206Kb / 11P
Dual 4.5A GreenFET 3 Load Switch
logo
Renesas Technology Corp
SLG59M1804V RENESAS-SLG59M1804V Datasheet
497Kb / 12P
Dual 4.5A GreenFET Load Switch
February 8, 2022
SLG59M1526V RENESAS-SLG59M1526V Datasheet
358Kb / 11P
Dual 4.5A GreenFET Load Switch
February 4, 2022
SLG59M1603V RENESAS-SLG59M1603V Datasheet
359Kb / 11P
Dual 4.5A Load Switch with Discharge and Reverse Current Blocking
February 4, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com