Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9989 Datasheet (PDF) - Monolithic Power Systems

MP9989 Datasheet PDF - Monolithic Power Systems
Part # MP9989
Download  MP9989 Download
File Size   811.73 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description CCM/DCM Flyback Ideal Diode with Integrated 100V/10mΩ MOSFET and No Need for Auxiliary Winding

MP9989 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP9989 Datasheet PDF - Monolithic Power Systems

Part # MP9989
Download  MP9989 Click to download

File Size   811.73 Kbytes
Page   15 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description CCM/DCM Flyback Ideal Diode with Integrated 100V/10mΩ MOSFET and No Need for Auxiliary Winding

MP9989 Datasheet (HTML) - Monolithic Power Systems


MP9989 Product details

DESCRIPTION
The MP9989 is a fast turn-off, intelligent rectifier
for flyback converters that integrates a 100V
MOSFET. It can replace a diode rectifier for
higher efficiency and power density. The chip
regulates the forward voltage drop of the internal
power switch to 40mV(1) and turns off before the
drain-source voltage reverses.
The MP9989 can generate its own supply
voltage without the need for auxiliary winding,
which makes it suitable for charger applications
with a low output voltage requirement or any
other adaptor applications with high-side set-up.
The internal ringing detection circuitry prevents
the MP9989 from falsely turning on during
discontinuous conduction mode (DCM) or quasiresonant operations.
The MP9989 is available in SOIC-8 and
QFN4x5-8 packages.

FEATURES
 Integrated 100V/10mΩ MOSFET
 Wide Output Range down to 0V
 No Need for Auxiliary Winding for High-Side
or Low-Side Rectification
 Ringing Detection Prevents False Turn-On
during DCM Operations
 Compatible with Energy Star
 110µA Quiescent Current
 Supports DCM, CCM, and Quasi-Resonant
Operations
 Available in SOIC-8 and QFN4x5-8
Packages

APPLICATIONS
 Laptop Adapters
 QC and USB PD Charger
 High-Efficiency Flyback Converters




Similar Part No. - MP9989

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9928 MPS-MP9928 Datasheet
1Mb / 25P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
MP9928GF MPS-MP9928GF Datasheet
1Mb / 25P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
MP9928GF MPS-MP9928GF Datasheet
660Kb / 9P
60V Current Mode, Synchronous Step-Down Controller Evaluation Board
MP9928GL MPS-MP9928GL Datasheet
1Mb / 25P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
MP9928GL MPS-MP9928GL Datasheet
758Kb / 9P
60V Current Mode, Synchronous Step-Down Controller Evaluation Board
More results


Similar Description - MP9989

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T PHILIPS-TEA1755T Datasheet
949Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1-25 October 2012
TEA1755LT PHILIPS-TEA1755LT Datasheet
341Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
TEA1753LT PHILIPS-TEA1753LT Datasheet
349Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
logo
Fairchild Semiconductor
FAN501A FAIRCHILD-FAN501A Datasheet
1Mb / 16P
Offline DCM / CCM Flyback PWM Controller for Charger Applications
logo
NXP Semiconductors
TEA1751T NXP-TEA1751T_V01 Datasheet
273Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-10 January 2013
TEA1752LT NXP-TEA1752LT Datasheet
297Kb / 33P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 2-15 November 2012
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
logo
Monolithic Power System...
MP6973 MPS-MP6973 Datasheet
780Kb / 15P
CCM/DCM Flyback Ideal Diode with Integrated 100V/14mΩ MOSFET with Slew Rate Detection
Rev. 1.0 6/17/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com