Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9989 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9989
Description  CCM/DCM Flyback Ideal Diode with Integrated 100V/10mΩ MOSFET and No Need for Auxiliary Winding
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9989 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9989 Datasheet HTML 1Page - Monolithic Power Systems MP9989 Datasheet HTML 2Page - Monolithic Power Systems MP9989 Datasheet HTML 3Page - Monolithic Power Systems MP9989 Datasheet HTML 4Page - Monolithic Power Systems MP9989 Datasheet HTML 5Page - Monolithic Power Systems MP9989 Datasheet HTML 6Page - Monolithic Power Systems MP9989 Datasheet HTML 7Page - Monolithic Power Systems MP9989 Datasheet HTML 8Page - Monolithic Power Systems MP9989 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP9989
CCM/DCM Flyback Ideal Diode
with Integrated 100V
/10mΩ MOSFET
and No Need for Auxiliary Winding
MP9989 Rev. 1.1
www.MonolithicPower.com
1
8/27/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The MP9989 is a fast turn-off, intelligent rectifier
for flyback converters that integrates a 100V
MOSFET. It can replace a diode rectifier for
higher efficiency and power density. The chip
regulates the forward voltage drop of the internal
power switch to 40mV(1) and turns off before the
drain-source voltage reverses.
The MP9989 can generate its own supply
voltage without the need for auxiliary winding,
which makes it suitable for charger applications
with a low output voltage requirement or any
other adaptor applications with high-side set-up.
The internal ringing detection circuitry prevents
the MP9989 from falsely turning on during
discontinuous conduction mode (DCM) or quasi-
resonant operations.
The MP9989 is available in SOIC-8 and
QFN4x5-8 packages.
FEATURES
 Integrated 100V/10mΩ MOSFET
 Wide Output Range down to 0V
 No Need for Auxiliary Winding for High-Side
or Low-Side Rectification
 Ringing Detection Prevents False Turn-On
during DCM Operations
 Compatible with Energy Star
 110µA Quiescent Current
 Supports DCM, CCM, and Quasi-Resonant
Operations
 Available in SOIC-8 and QFN4x5-8
Packages
APPLICATIONS
 Laptop Adapters
 QC and USB PD Charger
 High-Efficiency Flyback Converters
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS”,
the MPS logo,
and “Simple, Easy Solutions” are registered trademarks of
Monolithic Power Systems, Inc. or its subsidiaries.
Note:
1)
Related issued patent: US Patent US8, 067,973; US8,400,790. CN
Patent ZL201010504140.4. Other patents pending.
TYPICAL APPLICATION
SENSE
VS
VDD
VD
MP9989


Similar Part No. - MP9989

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9928 MPS-MP9928 Datasheet
1Mb / 25P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
MP9928GF MPS-MP9928GF Datasheet
1Mb / 25P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
MP9928GF MPS-MP9928GF Datasheet
660Kb / 9P
60V Current Mode, Synchronous Step-Down Controller Evaluation Board
MP9928GL MPS-MP9928GL Datasheet
1Mb / 25P
4V-60V Input, Current Mode, Synchronous Step-Down Controller
MP9928GL MPS-MP9928GL Datasheet
758Kb / 9P
60V Current Mode, Synchronous Step-Down Controller Evaluation Board
More results

Similar Description - MP9989

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1751LT_1301 NXP-TEA1751LT_1301 Datasheet
277Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-9 January 2013
TEA1755T PHILIPS-TEA1755T Datasheet
949Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1-25 October 2012
TEA1755LT PHILIPS-TEA1755LT Datasheet
341Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
TEA1753T PHILIPS-TEA1753T Datasheet
346Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
TEA1753LT PHILIPS-TEA1753LT Datasheet
349Kb / 32P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-24 August 2012
logo
Fairchild Semiconductor
FAN501A FAIRCHILD-FAN501A Datasheet
1Mb / 16P
Offline DCM / CCM Flyback PWM Controller for Charger Applications
logo
NXP Semiconductors
TEA1751T NXP-TEA1751T_V01 Datasheet
273Kb / 31P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 3-10 January 2013
TEA1752LT NXP-TEA1752LT Datasheet
297Kb / 33P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 2-15 November 2012
TEA1755T NXP-TEA1755T_V01 Datasheet
331Kb / 35P
HV start-up DCM/QR flyback controller with integrated DCM/QR PFC controller
Rev. 1.1-13 March 2015
logo
Monolithic Power System...
MP6973 MPS-MP6973 Datasheet
780Kb / 15P
CCM/DCM Flyback Ideal Diode with Integrated 100V/14mΩ MOSFET with Slew Rate Detection
Rev. 1.0 6/17/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com