Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP9989 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP9989
Description  CCM/DCM Flyback Ideal Diode with Integrated 100V/10mΩ MOSFET and No Need for Auxiliary Winding
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9989 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP9989 Datasheet HTML 7Page - Monolithic Power Systems MP9989 Datasheet HTML 8Page - Monolithic Power Systems MP9989 Datasheet HTML 9Page - Monolithic Power Systems MP9989 Datasheet HTML 10Page - Monolithic Power Systems MP9989 Datasheet HTML 11Page - Monolithic Power Systems MP9989 Datasheet HTML 12Page - Monolithic Power Systems MP9989 Datasheet HTML 13Page - Monolithic Power Systems MP9989 Datasheet HTML 14Page - Monolithic Power Systems MP9989 Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP9989
– FAST TURN-OFF INTELLIGENT RECTIFIER
MP9989 Rev. 1.1
www.MonolithicPower.com
11
8/27/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
is the peak reverse current and tF is the reverse
current fall time.
The total loss of the MP9989 (PLOSS) is the sum
of the above losses. If a RC snubber is used, the
power loss caused by this snubber must also be
taken into consideration.
The junction and case temperature rises can be
calculated with the thermal resistance of the
junction-to-ambient (
θJA) and junction-to-case
(
θJC). The junction temperature must be within
ABS (typically 150°C). Calculate
∆TJA and ∆TJC
with Equation (4) and Equation (5):
 
JA
LOSS
JA
TP
(4)
 
JC
LOSS
JC
TP
(5)
The thermal resistance can be reduced in one of
several ways to lower the temperature: a thicker
copper layer attached to VD and VS, additional
vias for thermal dissipation, or heatsinks. The
real maximum output current can be set
combining the real tested data.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation. For best results, refer to Figure 5,
Figure 6, Figure 7, and follow the guidelines
below.
1. Connect SENSE pin to different position for
an adjustable turn-off point of time during the
fast transients in CCM. In general, the farther
the junction point is from the VD, the earlier
the SR turns off. (See Figure 5).
2. Keep the IC out of the power loop to prevent
the sensing loop and power loop from
interrupting each other.
VDD
VD
SENSE
VS
Decoupling
Capacitor
Sense Position
Figure 5: Voltage Sensing for VD/SENSE
3. Place a decoupling ceramic capacitor from
VDD to VS close to the IC for adequate
filtering.
Layout Example
Figure 6 and Figure 7 show the layout example
for QFN4x5-8 package and SOIC-8 package in
high-side application of flyback power supply,
respectively. It is a single layer with a through-
hole transformer. R2 and C2 are the RC snubber
network for the internal MOSFET. The sensing
loop (SENSE to the MOSFET drain) is optimized
and kept separate from the power loop. The VDD
decoupling capacitor (C1) is placed beside VDD.
Figure 6: Layout Example for QFN4x5-8 package
in Flyback High-Side Application
Figure 7: Layout Example for SOIC-8 package in
Flyback High-Side Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com