Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP1511D Datasheet (PDF) - STMicroelectronics

LCP1511D Datasheet PDF - STMicroelectronics
Part # LCP1511D
Download  LCP1511D Download
File Size   64.48 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION

LCP1511D Datasheet (PDF)

Go To PDF Page Download Datasheet
LCP1511D Datasheet PDF - STMicroelectronics

Part # LCP1511D
Download  LCP1511D Click to download

File Size   64.48 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION

LCP1511D Datasheet (HTML) - STMicroelectronics


LCP1511D Product details

DESCRIPTION
This device has been especially designed to protect subscriber line card interfaces (SLIC) against transient overvoltages.
   
FEATURES
▪ DUAL PROGRAMMABLE TRANSIENT SUPPRESSOR.
▪ WIDE NEGATIVE FIRING VOLTAGE RANGE :
    VMGL = -80V max.
▪ LOW DYNAMIC SWITCHING VOLTAGES :
    VFP and VDGL.
▪ LOW GATE TRIGGERING CURRENT :
    IGT = 5mA max.
▪ PEAK PULSE CURRENT :
    IPP = 30A for 10/1000µs surge.
▪ HOLDING CURRENT :
    IH = 150mA.
   




Similar Part No. - LCP1511D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LCP1511D STMICROELECTRONICS-LCP1511D Datasheet
166Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Oct-2003
LCP1511DRL STMICROELECTRONICS-LCP1511DRL Datasheet
166Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Oct-2003
More results


Similar Description - LCP1511D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3121B STMICROELECTRONICS-L3121B Datasheet
60Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
May-1999
LCDP1521 STMICROELECTRONICS-LCDP1521 Datasheet
94Kb / 8P
DUAL LINE PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Mar-2002
LCP150S STMICROELECTRONICS-LCP150S Datasheet
59Kb / 6P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Feb-1998
LCP1521 STMICROELECTRONICS-LCP1521 Datasheet
112Kb / 9P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Sep-1999
LCP1521S STMICROELECTRONICS-LCP1521S Datasheet
125Kb / 11P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
07-Jul-2006
LCP1521S STMICROELECTRONICS-LCP1521S_06 Datasheet
175Kb / 11P
Programmable transient voltage suppressor for SLIC protection
07-Jul-2006
LCDP1521 STMICROELECTRONICS-LCDP1521_06 Datasheet
118Kb / 11P
Dual line programmable transient voltage suppressor for SLIC protection
07-Feb-2006
LCP1511DRL STMICROELECTRONICS-LCP1511DRL Datasheet
166Kb / 7P
PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
Oct-2003
LCP1531RL STMICROELECTRONICS-LCP1531RL Datasheet
153Kb / 10P
Programmable transient voltage suppressor for SLIC protection
27-Aug-2013
LCP154DJF STMICROELECTRONICS-LCP154DJF Datasheet
302Kb / 13P
Programmable transient voltage suppressor for SLIC protection
25-Sep-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com