Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCP1511D Datasheet(PDF) 3 Page - STMicroelectronics

Part # LCP1511D
Description  PROGRAMMABLE TRANSIENT VOLTAGE SUPPRESSOR FOR SLIC PROTECTION
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1511D Datasheet(HTML) 3 Page - STMicroelectronics

  LCP1511D Datasheet HTML 1Page - STMicroelectronics LCP1511D Datasheet HTML 2Page - STMicroelectronics LCP1511D Datasheet HTML 3Page - STMicroelectronics LCP1511D Datasheet HTML 4Page - STMicroelectronics LCP1511D Datasheet HTML 5Page - STMicroelectronics LCP1511D Datasheet HTML 6Page - STMicroelectronics LCP1511D Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
APPLICATION NOTE
Symbol
Test conditions
Maximum
Unit
VF
IF=5A
tp=500
µs3
V
VFP
10/700
µs 1.5kV
Rp=10
1.2/50
µs
1.5kV
Rp=10
(see note 1)
2/10
µs
2.5kV
Rp=62
5
7
12
V
Note 1 : See test circuit 2 for VFP;Rp is the protection resistor located on the line card.
1 - PARAMETERS RELATED TO THE DIODE LINE/GND (Tamb =25
°C)
Symbol
Test conditions
Min.
Max.
Unit
IGT
VGND/LINE = -48V
0.2
5
mA
IH
VGATE =-48V (see note 2)
150
mA
VGT
at IGT
2.5
V
IRG
Tc=25
°CVRG =-75V
Tc=70
°CVRG =-75V
5
50
µA
VDGL
VGATE= -48V (see note 3)
10/700
µs 1.5kV
Rp=10
IPP=30A
1.2/50
µs
1.5kV
Rp=10
IPP=30A
2/10
µs
2.5kV
Rp=62
IPP=38A
10
20
25
V
Note 2 :
See the functional holding current (IH) test circuit 2.
Note 3 :
See test circuit 1 for VDGL.
The oscillations with a time duration lower than 50ns are not taken into account.
2 - PARAMETERS RELATED TO THE PROTECTION THYRISTOR (Tamb =25
°C)
Symbol
Test conditions
Maximum
Unit
IRM
Tc=25
°CVGATE/LINE = -1V
VRM =-75V
Tc=70
°CVGATE/LINE = -1V
VRM =-75V
5
50
µA
C
VR =-3V
F=1MHz
VR =-48V
F=1MHz
100
50
pF
3 - PARAMETERS RELATED TO DIODE AND PROTECTION THYRISTOR (Tamb =25
°C)
1
2
3
4
8
7
6
5
IN
IN
OUT
OUT
TIP
RING
GND
TIP
RING
GATE
NC
In order to take advantageof the ”4 point” structure
of the LCP, the TIP and RING lines go across the
device. In such case, the device will eliminate the
overvoltages generated by the parasitic induc-
tances of the wiring (Ldi/dt), especially for very fast
transients.
LCP1511D
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com